전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA1781M 데이터시트(PDF) 5 Page - Sanyo Semicon Device

부품명 LA1781M
상세설명  For Car Radios Single-Chip Tuner IC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1781M 데이터시트(HTML) 5 Page - Sanyo Semicon Device

  LA1781M Datasheet HTML 1Page - Sanyo Semicon Device LA1781M Datasheet HTML 2Page - Sanyo Semicon Device LA1781M Datasheet HTML 3Page - Sanyo Semicon Device LA1781M Datasheet HTML 4Page - Sanyo Semicon Device LA1781M Datasheet HTML 5Page - Sanyo Semicon Device LA1781M Datasheet HTML 6Page - Sanyo Semicon Device LA1781M Datasheet HTML 7Page - Sanyo Semicon Device LA1781M Datasheet HTML 8Page - Sanyo Semicon Device LA1781M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
LA1781M
No.6038-5/48
Operating Characteristics and Symbols Used in the Test Circuit Diagrams
(1) Switches (SW)
Switch on = 1, SW off = 0
There are two switches that use signal transfer.
1) SW2 : switches between the mixer input and the IF input.
2) SW4 : switches between noise canceler input and IF output + noise canceler input.
(2) Types of SG used
PG1 (AC1)
Used for noise canceler testing. A pulse generator and an AF oscillator are required.
AC2
Used for FM front end testing. Outputs an 83MHz signal.
AC3
Used for FM IF, noise canceler, and MPX testing. Outputs a 10.7MHz signal. Stereo modulation must be possible.
AC4
Used for AM testing. Outputs 1 MHz and 1.4MHz signals.
AC5
Used with the MRC. Can also be used for AF and OSC.
(3) Power supply
VCC
8V
VCC1
5V
SD, stereo, seek/stop
VCC2
0.1V/0.7V/2V/4V
Keyed AGC, Mute ATT
VCC3
0.1V/0.6V/2V
These levels must be
variable.
HCC, SNC, SASC (MRC)
(4) (a) Switches
Parameter
ON
OFF
SW1
AM/FM switching. The FE VCC is supplied to pin 62.
FM
AM
SW2
FM IF switching. Pin 51/FE output
FE IF OUT (A)
AC3 (B)
SW3
For conversion gain testing
Conversion gain measurement (A)
Other/purposes
SW4
For switching between noise canceler input and IF output + noise
canceler.
AC1 (A)
Other/purposes
SW5
High-speed SD
High-speed SD
Other/purposes
SW6
SEEK/STOP (IF BUFF ON/OFF)
STOP
Seek (IF buffer output)
SW7
MUTE ATT 200k
Ω
MUTE 200k
Ω
OFF
SW8
MUTE ATT 30k
Ω
MUTE 30k
Ω
OFF
SW9
For pilot cancellation testing
When pilot cancellation is used
When pilot cancellation is not used
SW10
Mute off (pin 33)
MUTE OFF
MUTE ON
(b) Trimmers (variable resistors)
VR1
Separation adjustment
VR2
Pilot cancellation adjustment
(5) Test Points
(a) DC voltages
VD1
FM RF AGC voltage
Pin 2
VD2
AM/FM SD, AM Tweet, FM stereo indicator
Pin 26
VD3
AM/FM S-meter
Pin 24
VD4
MRC output
Pin 27
VD5
Mute drive output
Pin 33
VD6
AM antenna damping voltage
Pin 46
VD7
N.C. Gate time
Pin 8
(b) AC voltages
VA1
AM/FM OSC Buff
Pin 4
VA2
First IF output
Pin 53
→ CF → pin 51 load level (10.7MHz)
VA3
IF counter buffer
Pin 23 (10.7MHz/450kHz)
VA4
MPX OUT Left ch
Pin 15 (AF)
VA5
MPX OUT Right ch
Pin 16 (AF)


유사한 부품 번호 - LA1781M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1781M SANYO-LA1781M Datasheet
567Kb / 50P
   Single-Chip Tuner IC for Car Radios
More results

유사한 설명 - LA1781M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1780M SANYO-LA1780M Datasheet
764Kb / 38P
   Single-Chip Tuner IC for Car Radios
LA1895M SANYO-LA1895M Datasheet
139Kb / 4P
   Single-Chip Tuner IC for Car Radios
logo
Silan Microelectronics ...
SA1787 SILAN-SA1787 Datasheet
1Mb / 19P
   SINGLE-CHIP TUNER IC FOR CAR RADIOS
logo
Sanyo Semicon Device
LA1776M SANYO-LA1776M_09 Datasheet
544Kb / 41P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M Datasheet
567Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1787M SANYO-LA1787M_09 Datasheet
600Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1787M SANYO-LA1787M Datasheet
606Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1784M SANYO-LA1784M Datasheet
568Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1776M SANYO-LA1776M Datasheet
544Kb / 41P
   Monolithic Linear IC Single-Chip Tuner IC for Car Radios
LV25200M SANYO-LV25200M_10 Datasheet
523Kb / 45P
   Single chip Tuner IC for Car Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com