전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA1823 데이터시트(PDF) 7 Page - Sanyo Semicon Device

부품명 LA1823
상세설명  Single-Chip Tuner ICs for Use in Radio Cassette Recorder
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1823 데이터시트(HTML) 7 Page - Sanyo Semicon Device

Back Button LA1823 Datasheet HTML 3Page - Sanyo Semicon Device LA1823 Datasheet HTML 4Page - Sanyo Semicon Device LA1823 Datasheet HTML 5Page - Sanyo Semicon Device LA1823 Datasheet HTML 6Page - Sanyo Semicon Device LA1823 Datasheet HTML 7Page - Sanyo Semicon Device LA1823 Datasheet HTML 8Page - Sanyo Semicon Device LA1823 Datasheet HTML 9Page - Sanyo Semicon Device LA1823 Datasheet HTML 10Page - Sanyo Semicon Device LA1823 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LA1823, LA1823M
No.6854-7/12
Coil specifications (bottom view)
• FM-BPF : SA-309 (Sumida) 88MHz to 108MHz
• FM-RF
: SA-149 (Sumida) 3.6mm diameter, air core, 0.6mm wire, 41/2 T
• FM-OSC : SA-151 (Sumida) 3.6mm diameter, air core, 0.6mm wire, 31/2 T
• FM-IF filter, discriminator :
SK107M1-AE-10, CDF107F-AE-029 (Toko)
SFE10.7MA5, CDA10.7MG1-A (Murata) : tentative
• AM-OSC : SA-181 (Sumida)
6-4
37T
3-1
74T
0.06UEW
fo = 796kHz
Qo
≥ 80
L = 140
µH
: L7BRS-3132AQ (Toko)
3-1
64T
6-4
32T
0.06-2UEW
fo = 796kHz
Qo
≥ 65
L = 140
µH
• AM-MIX : SA-1136 (Sumida)
3-2
122T
4-6
9T
2-1
62T
0.06UEW
fo = 450kHz, Qo
≥ 65
180pF internal
: PCFAZ-082 (Toko)
1-2
47T
2-3
100T
4-6
12T
fo = 450kHz
180pF internal
With AM-IF filter
• AM-IF filter : SFU450B (Murata)
• MW Bar-antenna : C8E-A0105 (Toko)
1-2
67T
3-4
9T
fo = 796kHz
Qu = 180min
L = 260
µH
3
1
2
4
6
S
VC
GND
pin3
VCC
S
3
1
2
4
6
S
VC
GND
pin3
VCC
S
VCC
pin9
CF
GND
S
3
1
2
4
6
S
S
VCC
pin9
GND
3
1
2
4
6
ACFA-450L08
S
S
Pin1
GND
VC
Pin2
SS
1
2
3
4


유사한 부품 번호 - LA1823

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1823 SANYO-LA1823 Datasheet
1Mb / 10P
   Single-Chip Tuner IC for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823 Datasheet
104Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823_09 Datasheet
104Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
More results

유사한 설명 - LA1823

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1823 SANYO-LA1823_09 Datasheet
104Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823 Datasheet
1Mb / 10P
   Single-Chip Tuner IC for Use in Radio Cassette Recorder
LA1824 SANYO-LA1824_09 Datasheet
112Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
LA1824 SANYO-LA1824 Datasheet
107Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
logo
Panasonic Semiconductor
AN7024 PANASONIC-AN7024 Datasheet
430Kb / 7P
   AM Tuner, FM-IF MPX IC for Radio, Radio Cassette Recorder
logo
STMicroelectronics
TDA7286 STMICROELECTRONICS-TDA7286 Datasheet
59Kb / 6P
   SINGLE CHIP PREAMPLIFIER FOR DOUBLE DECK RADIO CASSETTE RECORDER
logo
Sanyo Semicon Device
LV23000M SANYO-LV23000M Datasheet
144Kb / 14P
   Single-Chip Tuner IC for Radio/Cassette Players
LA1827M SANYO-LA1827M Datasheet
347Kb / 12P
   Single-Chip Tuner IC for Portable Radio/Cassette Recorders
logo
Panasonic Semiconductor
AN7223 PANASONIC-AN7223 Datasheet
43Kb / 3P
   AM Tuner, FM/AM IF Amplifier Circuit for Radio Cassette Recorder
AN7017S PANASONIC-AN7017S Datasheet
64Kb / 5P
   FM/TV Front-end ICs for 1.5V Headphone Stereo, Radio Cassette Recorder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com