전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA4815M 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LA4815M
상세설명  Monaural Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4815M 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LA4815M_10 Datasheet HTML 1Page - Sanyo Semicon Device LA4815M_10 Datasheet HTML 2Page - Sanyo Semicon Device LA4815M_10 Datasheet HTML 3Page - Sanyo Semicon Device LA4815M_10 Datasheet HTML 4Page - Sanyo Semicon Device LA4815M_10 Datasheet HTML 5Page - Sanyo Semicon Device LA4815M_10 Datasheet HTML 6Page - Sanyo Semicon Device LA4815M_10 Datasheet HTML 7Page - Sanyo Semicon Device LA4815M_10 Datasheet HTML 8Page - Sanyo Semicon Device LA4815M_10 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LA4815M
Block Diagram and Sample Application Circuit
1
8
2
7
3
6
4
5
+
-
+
MUTE
VCC
VCC
Vin
OUT
VCC
MUTE
GAIN2
Vbias
Pre-
AMP
Power
AMP
PGND
IN
from CPU
GND1
GAIN1
BIAS
Test Circuit
S2
Vin
GAIN2
MUTE
VCC
OUT
GAIN1
GND1
IN
PGND
1
8
2
7
3
6
4
5
+
S11
S1
S3
VOUT
VCC
0.35V
No.A1373-4/14


유사한 부품 번호 - LA4815M_10

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M Datasheet
153Kb / 14P
   Monaural Power Amplifier
More results

유사한 설명 - LA4815M_10

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M Datasheet
153Kb / 14P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH_12 Datasheet
249Kb / 15P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH Datasheet
159Kb / 15P
   Monaural Power Amplifier
logo
ON Semiconductor
LA4815VH ONSEMI-LA4815VH Datasheet
264Kb / 15P
   Monaural Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LV4991M SANYO-LV4991M Datasheet
173Kb / 11P
   Monaural BTL Power Amplifier
LA42031-E SANYO-LA42031-E Datasheet
89Kb / 7P
   5W Monaural Power Amplifier
logo
Sony Corporation
CXA1622M SONY-CXA1622M Datasheet
215Kb / 13P
   Stereo Power Amplifier/Monaural BTL Power Amplifier
logo
New Japan Radio
NJM2166 NJRC-NJM2166 Datasheet
94Kb / 8P
   MONAURAL AUDIO POWER AMPLIFIER IC
logo
Sanyo Semicon Device
LA4267 SANYO-LA4267 Datasheet
70Kb / 6P
   5 W Monaural Power Amplifier
LA4268 SANYO-LA4268 Datasheet
69Kb / 6P
   10 W Monaural Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com