전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA6393AM 데이터시트(PDF) 5 Page - Sanyo Semicon Device

부품명 LA6393AM
상세설명  For Parallel Comparator Circuits High-Performance Dual Comparator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6393AM 데이터시트(HTML) 5 Page - Sanyo Semicon Device

  LA6393AM Datasheet HTML 1Page - Sanyo Semicon Device LA6393AM Datasheet HTML 2Page - Sanyo Semicon Device LA6393AM Datasheet HTML 3Page - Sanyo Semicon Device LA6393AM Datasheet HTML 4Page - Sanyo Semicon Device LA6393AM Datasheet HTML 5Page - Sanyo Semicon Device LA6393AM Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LA6393AM
0.4
0.8
1.2
1.6
2.0
2.4
0
048
12
16
20
24
28
32
36
Ta = − 20°C
85
°C
25
°C
RL = ∞
IB -- Ta
100
10
20
30
40
50
60
70
80
90
0
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
VOL -- Ta
0.08
0.16
0.24
0.28
0.04
0.12
0.20
0
VCC = +5V
ISINK = 3mA
VOL -- ISINK
2
5
3
2
7
0.01
5
3
2
7
0.1
5
3
2
7
1.0
0.001
0.01
23
5
7 0.1
23
5
7 1.0
23
5
7 10
2
Ta
= +85
°C
−20
°C
+25
°C
VO,VIN -- t
6
-100
-150
-50
0
0
1
2
3
4
5
0
-1.0
-0.5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
--
+
+5V
5.1k
Ω
VO
VIN
6
0
50
-50
100
0
1
2
3
4
5
0
-1.0
-0.5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
--
+
+5V
5.1k
Ω
VO
VIN
ICC -- VCC
VO,VIN -- t
Supply voltage, VCC -- V
Ambient temperature, Ta --
°C
Ambient temperature, Ta --
°C
Output sink current, ISINK -- mA
Time, t --
μS
Time, t --
μS
No.7235-5/6


유사한 부품 번호 - LA6393AM

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6393AT SANYO-LA6393AT Datasheet
70Kb / 6P
   For Parallel Comparator Circuits High-Performance Dual Comparator
More results

유사한 설명 - LA6393AM

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6393AT SANYO-LA6393AT Datasheet
70Kb / 6P
   For Parallel Comparator Circuits High-Performance Dual Comparator
LA6393M SANYO-LA6393M_11 Datasheet
124Kb / 6P
   For Parallel Comparator Circuits High-Performance Dual Comparator
logo
Linear Technology
RH119 LINER-RH119 Datasheet
161Kb / 4P
   High Performance Dual Comparator
logo
Sanyo Semicon Device
LA6393D SANYO-LA6393D Datasheet
99Kb / 5P
   High-Performance Dual Comparator
LA6393T SANYO-LA6393T Datasheet
161Kb / 5P
   High-Performance Dual Comparator
LA6393M SANYO-LA6393M Datasheet
87Kb / 4P
   High-Performance Dual Comparator
LA6393D SANYO-LA6393D_06 Datasheet
163Kb / 5P
   High-Performance Dual Comparator
LA6393JM SANYO-LA6393JM Datasheet
194Kb / 5P
   High-Performance Dual Comparator
logo
Renesas Technology Corp
UPC271 RENESAS-UPC271 Datasheet
738Kb / 9P
   High Performance Comparator
Rev.1.00
logo
Sanyo Semicon Device
LA6339 SANYO-LA6339 Datasheet
88Kb / 4P
   High-Performance Quad Comparator
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com