전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA6500 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LA6500
상세설명  Power Operational Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6500 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LA6500 Datasheet HTML 1Page - Sanyo Semicon Device LA6500 Datasheet HTML 2Page - Sanyo Semicon Device LA6500 Datasheet HTML 3Page - Sanyo Semicon Device LA6500 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LA6500
No.2623-2/4
Electrical Characteristics at Ta
= 25°C, VCC /VEE = ±15V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current dissipation
ICCO
6.0
12.0
mA
Input offset voltage
VIO
2
6
mV
Input offset current
IIO
10
200
nA
Input bias current
IB
100
700
nA
Common-mode input voltage
range
VICM
-15
+13
V
Common-mode rejection
CMR
70
80
dB
Maximum output voltage
VO
RL = 33Ω
±12
±13
V
Voltage gain
VGO
100
dB
Slew rate
SR
GV = 0, RL = 33Ω, R = 2.2Ω, L = 0.1µF
0.15
V/
µs
Equivalent input noise voltage
VNI
Rg = 1k
Ω, DIN AUDIO
2
µV
Supply voltage rejection
SVR
30
150
µV/V
Limiting current
ISC
1.0
A
Package Dimensions
unit : mm (typ)
3079C
SANYO : 220-5H
1
5
0.8
10.4max
10.0
3.6
4.5
1.3
0.9
2.7
0.45
4.5
8.4
1.7
(1.6)
Pin Assignment
1
2
3
4
5
+
Top view
0
0
20
-20
40
5
10
15
20
25
60
80
75
Pd max -- Ta
Ambient temperature, Ta --
°C
No heat sink
5
°C/W heat sink
10
°C/W heat sink
20
°C/W heat sink
Infinite heat sink


유사한 부품 번호 - LA6500

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6500 SANYO-LA6500 Datasheet
31Kb / 3P
   Power Operational Amplifier
logo
ON Semiconductor
LA6500 ONSEMI-LA6500 Datasheet
69Kb / 4P
   Power Operational Amplifier
June, 2013
More results

유사한 설명 - LA6500

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
   Power Operational Amplifier
logo
Cirrus Logic
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
   Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
   Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
   Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
   Power Operational Amplifier
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
   Power Operational Amplifier
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
   Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
   Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
   Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
   POWER OPERATIONAL AMPLIFIER
PA04 CIRRUS-PA04 Datasheet
205Kb / 5P
   Power Operational Amplifier
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com