전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA74310LP 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 LA74310LP
상세설명  Audio Interface for DSC Video Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA74310LP 데이터시트(HTML) 6 Page - Sanyo Semicon Device

Back Button LA74310LP Datasheet HTML 2Page - Sanyo Semicon Device LA74310LP Datasheet HTML 3Page - Sanyo Semicon Device LA74310LP Datasheet HTML 4Page - Sanyo Semicon Device LA74310LP Datasheet HTML 5Page - Sanyo Semicon Device LA74310LP Datasheet HTML 6Page - Sanyo Semicon Device LA74310LP Datasheet HTML 7Page - Sanyo Semicon Device LA74310LP Datasheet HTML 8Page - Sanyo Semicon Device LA74310LP Datasheet HTML 9Page - Sanyo Semicon Device LA74310LP Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LA74310LP
No.A0904-6/22
POWER ON Condition (SERIAL communication)
The POWER ON RESET state covers a period up to the rise
of the second C.S. input after fall
of POWER ON
PULSE
generated inside IC when the power is applied and the STANDBY control is canceled.
is the dummy
communication.
Actually, because of delay of several hundreds ns in the IC, the first DATA condition begins in
and the normal
SERIAL communication condition begins after
.
HIGH period for about 2ms
Delay of several
hundreds ns
←SERIAL communication condition
Dummy communication
Power Supply
H
L
STANDBY control
(Pin No 23)
HIGH to cancel STANDBY
POWER ON PULSE
(IC inside)
C.S.
POWER ON RESET
(IC inside)
First DATA hold
← First DATA →
communication
H
L
H
L
H
L
H
L
POWER ON RESET state


유사한 부품 번호 - LA74310LP

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA74310LP SANYO-LA74310LP Datasheet
282Kb / 22P
   Monolithic Linear IC Audio Interface for DSC Video Driver
More results

유사한 설명 - LA74310LP

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA74310LP SANYO-LA74310LP Datasheet
282Kb / 22P
   Monolithic Linear IC Audio Interface for DSC Video Driver
LA74308LP SANYO-LA74308LP_08 Datasheet
204Kb / 16P
   Audio Interface for DSC
LA74303FN SANYO-LA74303FN Datasheet
215Kb / 18P
   Monolithic Linear IC Audio Interface for DSC
LA74308LP SANYO-LA74308LP Datasheet
191Kb / 16P
   Monolithic Linear IC Audio Interface for DSC
LA74302FN SANYO-LA74302FN Datasheet
152Kb / 12P
   Monolithic Linear IC Audio Interface for DSC
LA73073CL SANYO-LA73073CL Datasheet
241Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA73079CL SANYO-LA73079CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA73074CL SANYO-LA73074CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC/Cell Phone
logo
Rohm
BD7620KS2 ROHM-BD7620KS2 Datasheet
505Kb / 6P
   Video-Audio Interface for LCD TV
logo
Sanyo Semicon Device
LA73076V SANYO-LA73076V Datasheet
154Kb / 7P
   Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com