전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA75503V 데이터시트(PDF) 9 Page - Sanyo Semicon Device

부품명 LA75503V
상세설명  For PAL TV/VCR Adjustment Free VIF/SIF Signal Processing IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA75503V 데이터시트(HTML) 9 Page - Sanyo Semicon Device

Back Button LA75503V_07 Datasheet HTML 5Page - Sanyo Semicon Device LA75503V_07 Datasheet HTML 6Page - Sanyo Semicon Device LA75503V_07 Datasheet HTML 7Page - Sanyo Semicon Device LA75503V_07 Datasheet HTML 8Page - Sanyo Semicon Device LA75503V_07 Datasheet HTML 9Page - Sanyo Semicon Device LA75503V_07 Datasheet HTML 10Page - Sanyo Semicon Device LA75503V_07 Datasheet HTML 11Page - Sanyo Semicon Device LA75503V_07 Datasheet HTML 12Page - Sanyo Semicon Device LA75503V_07 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LA75503V
No.6804-9/15
Continued from preceding page.
Pin No.
Pin name
Pin function
Equivalent circuit
11
12
VCO COIL
This is the VCO tank circuit for the PLL detector.
Use a tuning capacitance of 24pF.
Use L and C specifications that are accurate to
±2%. Also, design the L and C values so that the
voltage of pin 10 is 3.6V when PLL is locked while
using the IF center frequency.
13
14
SYSTEM SW [A]
SYSTEM SW [B]
This is the system switch pin.
The transistor turns ON when the pin voltage from
the circuit becomes approx. 1.4V.
15
REF OSC
This pin can be used both as the crystal resonator
pin and IF switch.
The 38MHz mode is selected by inserting 220k
between pin 15 and GND, the 38.9MHz mode by
leaving the pin open, and the 39.5MHz mode by
inserting 220k
Ω between pin 15 and VCC.
4MHz input is possible from this pin.
In the case of 4MHz external input, input 86dB
µ
Continued on next page.


유사한 부품 번호 - LA75503V_07

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA75503V SANYO-LA75503V Datasheet
525Kb / 15P
   Adjustment Free VIF/SIF Signal Processing IC for PAL TV/VCR
More results

유사한 설명 - LA75503V_07

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA75503V SANYO-LA75503V Datasheet
525Kb / 15P
   Adjustment Free VIF/SIF Signal Processing IC for PAL TV/VCR
LA75501 SANYO-LA75501 Datasheet
118Kb / 11P
   For Use in TV/VCR Applications VIF/SIF Signal Processing IC
LA7555 SANYO-LA7555 Datasheet
258Kb / 11P
   IF Signal Processing (VIFSIF) Cricuit for TV/VCR Use
LA7533 SANYO-LA7533 Datasheet
84Kb / 3P
   IF Signal Processing (VIFSIF) Circuit for TV/VCR Use?
logo
Panasonic Semiconductor
AN5177NK PANASONIC-AN5177NK Datasheet
50Kb / 4P
   VIF/SIF Signal Processor IC for TV and VCR
AN5170K PANASONIC-AN5170K Datasheet
21Kb / 1P
   VIF/SIF signal processor IC for TV and VCR
logo
Sanyo Semicon Device
LA75710VA SANYO-LA75710VA Datasheet
276Kb / 10P
   Monolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC
LA75525AVA SANYO-LA75525AVA Datasheet
177Kb / 10P
   VIF/SIF Signal-Processing IC
LA75676V-S SANYO-LA75676V-S Datasheet
161Kb / 13P
   VIF/SIF IF Signal-Processing Circuit for TV and VCR Products
LA75600VA SANYO-LA75600VA Datasheet
390Kb / 16P
   Monolithic Linear IC IF Signal Processing (VIF/SIF) IC for use in TV/VCR Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com