전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC4429 데이터시트(PDF) 1 Page - Inchange Semiconductor Company Limited

부품명 2SC4429
상세설명  isc Silicon NPN Power Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4429 데이터시트(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC4429 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4429 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4429 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC4429
DESCRIPTION
·High Breakdown Voltage-
: V(BR)CEO= 800V(Min)
·Fast Switching speed
·Wide Area of Safe Operation
APPLICATIONS
·Designed for switching regulator Applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
1100
V
VCEO
Collector-Emitter Voltage
800
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
8
A
ICP
Collector Current-Pulse
25
A
IB
B
Base Current-Continuous
4
A
Collector Power Dissipation
@ TC=25℃
60
PC
Collector Power Dissipation
@ Ta=25℃
3
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
isc Website:www.iscsemi.cn


유사한 부품 번호 - 2SC4429

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
2SC4429 SANYO-2SC4429 Datasheet
97Kb / 3P
   Switching Regulator Applications
logo
Savantic, Inc.
2SC4429 SAVANTIC-2SC4429 Datasheet
221Kb / 4P
   Silicon NPN Power Transistors
2SC4429 SAVANTIC-2SC4429 Datasheet
223Kb / 4P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC4429 NJSEMI-2SC4429 Datasheet
135Kb / 2P
   Silicon NPN Power Transistor
More results

유사한 설명 - 2SC4429

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
BUV20 ISC-BUV20 Datasheet
194Kb / 2P
   isc Silicon NPN Power Transistor
BUV48I ISC-BUV48I Datasheet
209Kb / 2P
   isc Silicon NPN Power Transistor
BUV51 ISC-BUV51 Datasheet
192Kb / 2P
   isc Silicon NPN Power Transistor
BUV52A ISC-BUV52A Datasheet
191Kb / 2P
   isc Silicon NPN Power Transistor
2N6496 ISC-2N6496 Datasheet
141Kb / 2P
   isc Silicon NPN Power Transistor
2N6545 ISC-2N6545 Datasheet
143Kb / 2P
   isc Silicon NPN Power Transistor
MJD148 ISC-MJD148 Datasheet
244Kb / 2P
   isc Silicon NPN Power Transistor
TIP35CF ISC-TIP35CF Datasheet
156Kb / 2P
   isc Silicon NPN Power Transistor
2SB1412 ISC-2SB1412 Datasheet
265Kb / 3P
   isc Silicon NPN Power Transistor
MJ1800 ISC-MJ1800 Datasheet
140Kb / 2P
   isc Silicon NPN Power Transistor
KSH47 ISC-KSH47 Datasheet
348Kb / 3P
    isc Silicon NPN Power Transistor
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com