전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11693JH 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 LB11693JH
상세설명  24V Fan Motor Driver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11693JH 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  LB11693JH_10 Datasheet HTML 1Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 2Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 3Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 4Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 5Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 6Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 7Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 8Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LB11693JH
No.A0606-3/12
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
[PWM Oscillator Circuit]
High-level output voltage
VOH(PWM)
2.75
3.0
3.25
V
Low-level output voltage
VOL(PWM)
1.1
1.3
1.4
V
Amplitude
V(PWM)
1.5
1.7
2.0
Vp-p
External capacitor charge current
ICHG
VPWM = 2.1V
-125
-90
-70
μA
Oscillator frequency
f(PWM)
C = 2200pF
15.5
19.5
27.0
kHz
[TOC Pin]
Input voltage 1
VTOC1
Output duty: 100%
2.72
3.0
3.30
V
Input voltage 2
VTOC2
Output duty: 0%
1.07
1.3
1.45
V
Input voltage 1L
VTOC1L
Design target value*. 100% when VREG = 4.7V
2.72
2.80
2.90
V
Input voltage 2L
VTOC2L
Design target value*. 0% when VREG = 4.7V
1.07
1.17
1.27
V
Input voltage 1H
VTOC1H
Design target value*. 100% when VREG = 5.3V
3.08
3.20
3.30
V
Input voltage 2H
VTOC2H
Design target value*. 0% when VREG = 5.3V
1.21
1.33
1.45
V
[RD Pin]
Low-level output voltage
VOL(RD)
IRD = 5mA
0.1
0.3
V
Output leakage current
IL(RD)
VRD = 28V
10
μA
[FG Pin]
Low-level output voltage
VOL(FG)
IFG = 5mA
0.1
0.3
V
Output leakage current
IL(FG)
VFG = 28V
10
μA
[FGFIL Pin]
Charge current
IFGFIL1
-7
-5
-3
μA
Discharge current
IFGFIL2
35
7
μA
[FG Amplifier Schmitt Block (IN1)]
Amplifier gain
G(FG)
Design target value*.
7
Times
Hysteresis
VIS(FG)
Design target value*. Input equivalent
8
mV
[S/S Pin]
High-level input voltage
VIH(SS)
2.0
VREG
V
Low-level input voltage
VIL(SS)
0
1.0
V
Input open voltage
VIO(SS)
2.6
2.9
3.2
V
Hysteresis
VIS(SS)
0.16
0.25
0.34
V
High-level input current
IIH(SS)
VS/S = VREG
100
130
μA
Low-level input current
IIL(SS)
VS/S = 0V
-170
-130
μA
[PWMIN Pin]
Input frequency range
f(PI)
50
kHz
High-level input voltage range
VIH(PI)
2.0
VREG
V
Low-level input voltage range
VIL(PI)
0
1.0
V
Input open voltage
VIO(PI)
2.6
2.9
3.2
V
Hysteresis
VIS(PI)
0.16
0.25
0.34
V
High-level input current
IIH(PI)
VPWMIN = VREG
100
130
μA
Low-level input current
IIL(PI)
VPWMIN = 0V
-170
-130
μA
[F/R Pin]
High-level input voltage
VIH(FR)
2.0
VREG
V
Low-level input voltage
VIL(FR)
0
1.0
V
Input open voltage
VIO(FR)
VREG-0.5
VREG
V
Hysteresis
VIS(FR)
0.16
0.25
0.34
V
High-level input current
IIH(FR)
VF/R = VREG
-10
0
10
μA
Low-level input current
IIL(FR)
VF/R = 0V
-165
-115
μA
*: Design target value and no measurement was made.


유사한 부품 번호 - LB11693JH_10

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
   24V Fan Motor Driver IC
May, 2013
More results

유사한 설명 - LB11693JH_10

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
   24V Fan Motor Driver IC
May, 2013
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
logo
Eutech Microelectronics...
EUM6862 EUTECH-EUM6862 Datasheet
273Kb / 2P
   24V PWM Fan Motor Driver
logo
Melexis Microelectronic...
US91A MELEXIS-US91A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
US90A MELEXIS-US90A Datasheet
307Kb / 12P
   24V Hall IC Fan Driver
US90A MELEXIS-US90A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
logo
Toshiba Semiconductor
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Rohm
BA6811F ROHM-BA6811F Datasheet
89Kb / 6P
   Fan motor driver IC
logo
Toshiba Semiconductor
TA8462F TOSHIBA-TA8462F Datasheet
262Kb / 6P
   FAN MOTOR DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com