전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11923V 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LB11923V
상세설명  Three-Phase Brushless Motor Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11923V 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LB11923V Datasheet HTML 1Page - Sanyo Semicon Device LB11923V Datasheet HTML 2Page - Sanyo Semicon Device LB11923V Datasheet HTML 3Page - Sanyo Semicon Device LB11923V Datasheet HTML 4Page - Sanyo Semicon Device LB11923V Datasheet HTML 5Page - Sanyo Semicon Device LB11923V Datasheet HTML 6Page - Sanyo Semicon Device LB11923V Datasheet HTML 7Page - Sanyo Semicon Device LB11923V Datasheet HTML 8Page - Sanyo Semicon Device LB11923V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
No. 7498-4/20
LB11923V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[S/S Pin]
Input high-level voltage
VIH(S/S)
VCC = 6.3 V, 5 V
2.0
VCC
V
Input low-level voltage
VIL(S/S)
VCC = 6.3 V, 5 V
0
1.0
V
Input open voltage
VIO(S/S)
VCC – 0.5
VCC
V
Hysteresis
∆VIN(S/S)
VCC = 6.3 V, 5 V
0.13
0.22
0.31
V
Input high-level current
IIH(S/S)
VS/S = VCC
–10
0
+10
µA
Input low-level current
IIL(S/S)
VS/S = 0 V
–170
–118
µA
Pull-up resistance
RU(S/S)
37
53.5
70
kΩ
[F/R Pin]
Input high-level voltage
VIH(F/R)
VCC = 6.3 V, 5 V
2.0
VCC
V
Input low-level voltage
VIL(F/R)
VCC = 6.3 V, 5 V
0
1.0
V
Input open voltage
VIO(F/R)
VCC – 0.5
VCC
V
Hysteresis
∆VIN(F/R)
VCC = 6.3 V, 5 V
0.13
0.22
0.31
V
Input high-level current
IIH(F/R)
VF/R = VCC
–10
0
+10
µA
Input low-level current
IIL(F/R)
VF/R = 0 V
–170
–118
µA
Pull-up resistance
RU(F/R)
37
53.5
70
kΩ
[BR Pin]
Input high-level voltage
VIH(BR)
VCC = 6.3 V, 5 V
2.0
VCC
V
Input low-level voltage
VIL(BR)
VCC = 6.3 V, 5 V
0
1.0
V
Input open voltage
VIO(BR)
VCC – 0.5
VCC
V
Hysteresis
∆VIN(BR)
VCC = 6.3 V, 5 V
0.13
0.22
0.31
V
Input high-level current
IIH(BR)
VBR = VCC
–10
0
+10
µA
Input low-level current
IIL(BR)
VBR = 0 V
–170
–118
µA
Pull-up resistance
RU(BR)
37
53.5
70
kΩ
[CLK Pin]
Input high-level voltage
VIH(CLK)
VCC = 6.3 V, 5 V
2.0
VCC
V
Input low-level voltage
VIL(CLK)
VCC = 6.3 V, 5 V
0
1.0
V
Input open voltage
VIO(CLK)
VCC – 0.5
VCC
V
Hysteresis
∆VIN(CLK) VCC = 6.3 V, 5 V, design target value *
0.13
0.22
0.31
V
Input high-level current
IIH(CLK)
VCLK = VCC
–10
0
+10
µA
Input low-level current
IIL(CLK)
VCLK = 0 V
–170
–118
µA
Input frequency
f(CLK)
3.9
kHz
Pull-up resistance
RU(CLK)
37
53.5
70
kΩ
[N1 Pin]
Input high-level voltage
VIH(N1)
VCC = 6.3 V, 5 V
2.0
VCC
V
Input low-level voltage
VIL(N1)
VCC = 6.3 V, 5 V
0
1.0
V
Input open voltage
VIO(N1)
VCC – 0.5
VCC
V
Hysteresis
∆VIN(N1)
VCC = 6.3 V, 5 V, design target value *
0.13
0.22
0.31
V
Input high-level current
IIH(N1)
VN1 = VCC
–10
0
+10
µA
Input low-level current
IIL(N1)
VN1 = 0 V
–170
–118
µA
Pull-up resistance
RU(N1)
37
53.5
70
kΩ
[N2 Pin]
Input high-level voltage
VIH(N2)
VCC = 6.3 V, 5 V
2.0
VCC
V
Input low-level voltage
VIL(N2)
VCC = 6.3 V, 5 V
0
1.0
V
Input open voltage
VIO(N2)
VCC – 0.5
VCC
V
Hysteresis
∆VIN(N2)
VCC = 6.3 V, 5 V, design target value *
0.13
0.22
0.31
V
Input high-level current
IIH(N2)
VN2 = VCC
–10
0
+10
µA
Input low-level current
IIL(N2)
VN2 = 0 V
–170
–118
µA
Pull-up resistance
RU(N2)
37
53.5
70
kΩ
Continued from preceding page.
*Note: Not tested


유사한 부품 번호 - LB11923V

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V Datasheet
204Kb / 19P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
LB11923V ONSEMI-LB11923V Datasheet
292Kb / 23P
   Three-Phase Brushless Motor Driver
March, 2018 ??Rev. 1
LB11923V-A-TLM-E ONSEMI-LB11923V-A-TLM-E Datasheet
292Kb / 23P
   Three-Phase Brushless Motor Driver
March, 2018 ??Rev. 1
LB11923V-TLM-E ONSEMI-LB11923V-TLM-E Datasheet
292Kb / 23P
   Three-Phase Brushless Motor Driver
March, 2018 ??Rev. 1
More results

유사한 설명 - LB11923V

제조업체부품명데이터시트상세설명
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com