전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC87F1HC8SA_0812 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LC87F1HC8SA_0812
상세설명  8-bit 1-chip Microcontroller with USB-host controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F1HC8SA_0812 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LC87F1HC8SA_0812 Datasheet HTML 1Page - Sanyo Semicon Device LC87F1HC8SA_0812 Datasheet HTML 2Page - Sanyo Semicon Device LC87F1HC8SA_0812 Datasheet HTML 3Page - Sanyo Semicon Device LC87F1HC8SA_0812 Datasheet HTML 4Page - Sanyo Semicon Device LC87F1HC8SA_0812 Datasheet HTML 5Page - Sanyo Semicon Device LC87F1HC8SA_0812 Datasheet HTML 6Page - Sanyo Semicon Device LC87F1HC8SA_0812 Datasheet HTML 7Page - Sanyo Semicon Device LC87F1HC8SA_0812 Datasheet HTML 8Page - Sanyo Semicon Device LC87F1HC8SA_0812 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
D2408HKIM 20081212-S00003 No.A1095-1/27
Ver.1.05
LC87F1HC8SA
Overview
The LC87F1HC8SA is an 8-bit microcomputer that, centered around a CPU running at a minimum bus cycle time of
83.3ns, integrates on a single chip a number of hardware features such as 128K-byte flash ROM (onboard
programmable), 16384-byte RAM, an on-chip debugger, a sophisticated 16-bit timer/counter (may be divided into 8-bit
timers), a 16-bit timer (may be divided into 8-bit timers or PWMs), four 8-bit timers with a prescaler, a base timer
serving as a time-of-day clock, 3 channels of synchronous SIO interface with automatic data transfer capabilities, an
asynchronous/synchronous SIO interface, a UART interface (full duplex), a full-speed USB interface (host control
function), an 8-bit 12-channel AD converter, 2 channels of 12-bit PWM, a system clock frequency divider, an infrared
remote control receiver circuit, and a 40-source 10-vector interrupt feature.
Features
Flash ROM
• Capable of on-board programming with a wide range of supply voltages: 3.0 to 5.5V
• Block-erasable in 128 byte units
• Writes data in 2-byte units
• 131072 × 8 bits
RAM
• 16384 × 9 bits
Bus Cycle Time
• 83.3ns (When CF=12MHz)
Note: The bus cycle time here refers to the ROM read speed.
Ordering number : ENA1095B
CMOS IC
FROM 128K byte, RAM 16384 byte on-chip
8-bit 1-chip Microcontroller
with USB-host controller
* This product is licensed from Silicon Storage Technology, Inc. (USA), and manufactured and sold by
SANYO Semiconductor Co., Ltd.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


유사한 부품 번호 - LC87F1HC8SA_0812

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC87F1HC8SA SANYO-LC87F1HC8SA Datasheet
233Kb / 27P
   CMOS IC FROM 128K byte, RAM 16384 byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
More results

유사한 설명 - LC87F1HC8SA_0812

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC87F1HC4A_0812 SANYO-LC87F1HC4A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
logo
ON Semiconductor
LC87F1HC8AUWA-2H ONSEMI-LC87F1HC8AUWA-2H Datasheet
197Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
May, 2013 Ver.1.06
logo
Sanyo Semicon Device
LC87F1L16A SANYO-LC87F1L16A Datasheet
159Kb / 24P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2A SANYO-LC87F1JJ2A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8A SANYO-LC87F1JJ8A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8A_0812 SANYO-LC87F1HC8A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ4B SANYO-LC87F1JJ4B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8B SANYO-LC87F1JJ8B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2B SANYO-LC87F1JJ2B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ4A SANYO-LC87F1JJ4A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com