전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC87F7DJ2B 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LC87F7DJ2B
상세설명  FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F7DJ2B 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LC87F7DJ2B_10 Datasheet HTML 1Page - Sanyo Semicon Device LC87F7DJ2B_10 Datasheet HTML 2Page - Sanyo Semicon Device LC87F7DJ2B_10 Datasheet HTML 3Page - Sanyo Semicon Device LC87F7DJ2B_10 Datasheet HTML 4Page - Sanyo Semicon Device LC87F7DJ2B_10 Datasheet HTML 5Page - Sanyo Semicon Device LC87F7DJ2B_10 Datasheet HTML 6Page - Sanyo Semicon Device LC87F7DJ2B_10 Datasheet HTML 7Page - Sanyo Semicon Device LC87F7DJ2B_10 Datasheet HTML 8Page - Sanyo Semicon Device LC87F7DJ2B_10 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LC87F7DJ2B
No.A1636-4/26
Interrupts
• 31 sources, 10 vector addresses
1) Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt requests of
the level equal to or lower than the current interrupt are not accepted.
2) When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest level
takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest vector
address takes precedence.
No.
Vector Address
Level
Interrupt Source
1
00003H
X or L
INT0
2
0000BH
X or L
INT1
3
00013H
H or L
INT2/T0L/INT4/remote control receiver1
4
0001BH
H or L
INT3/base timer/INT5/remote control receiver2
5
00023H
H or L
T0H/INT6
6
0002BH
H or L
T1L/T1H/INT7
7
00033H
H or L
SIO0/UART1 receive/UART2 receive/T8L/T8H
8
0003BH
H or L
SIO1/UART1 transmit/UART2 transmit
9
00043H
H or L
ADC/MIC/T6/T7/PWM4/PWM5
10
0004BH
H or L
Port 0/T4/T5
• Priority levels X > H > L
• Of interrupts of the same level, the one with the smallest vector address takes precedence.
• IFLG (List of interrupt source flag function)
1) Shows a list of interrupt source flags that caused a branching to a particular vector address
(shown in the diagram above).
Subroutine Stack Levels: 4096 levels (The stack is allocated in RAM.)
High-speed Multiplication/Division Instructions
• 16 bits × 8 bits
(5 tCYC execution time)
• 24 bits × 16 bits
(12 tCYC execution time)
• 16 bits ÷ 8 bits
(8 tCYC execution time)
• 24 bits ÷ 16 bits
(12 tCYC execution time)
Oscillation Circuits
• RC oscillation circuit (internal):
For system clock
• CF oscillation circuit:
For system clock, with internal Rf and external Rd
• Crystal oscillation circuit:
For low-speed system clock, with internal Rf and external Rd
• Frequency variable RC oscillation circuit (internal): For system clock
1) Adjustable in
±4% (typ.) step from a selected center frequency.
2) Measures the frequency of the source oscillation clock using the input signal from XT1 as the reference.
System Clock Divider Function
• Can run on low current.
• The minimum instruction cycle selectable from 300ns, 600ns, 1.2μs, 2.4μs, 4.8μs, 9.6μs, 19.2μs, 38.4μs,
and 76.8
μs (at a main clock rate of 10MHz).
System Clock Multiplier Function
• Allows the 2 or 3 times the clock frequency to be selected when the crystal oscillation output is used as the system
clock.
Standby Function
• HALT mode: Halts instruction execution while allowing the peripheral circuits to continue operation.
(Some parts of the serial transfer function stops operation.)
1) Oscillation is not halted automatically.
2) Canceled by a system reset or occurrence of an interrupt
Continued on next page.


유사한 부품 번호 - LC87F7DJ2B_10

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC87F7DJ2B SANYO-LC87F7DJ2B Datasheet
172Kb / 26P
   8-bit 1-chip Microcontroller
More results

유사한 설명 - LC87F7DJ2B_10

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
LC88F85D0A SANYO-LC88F85D0A Datasheet
264Kb / 31P
   FROM 256K byte, RAM 8K byte on-chip 16-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A Datasheet
140Kb / 21P
   CMOS IC FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com