전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC87F83C8A 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 LC87F83C8A
상세설명  FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F83C8A 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  LC87F83C8A Datasheet HTML 1Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 2Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 3Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 4Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 5Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
LC87F83C8A/C8AU/96A/96AU/64A/64AU
No.A1780-3/31
SIO: 3 channels
• SIO 0: 8 bit synchronous serial interface
1) LSB first/MSB first mode selectable
2) Built-in 8-bit baudrate generator (4/3 to 512/3 tCYC transfer clock cycle)
3) Automatic continuous data transmission (1 to 256 bits)
• SIO 1: 8 bit asynchronous/synchronous serial interface
Mode 0: Synchronous 8-bit serial I/O (2 to or 3 to wire configuration, 2 to 512 tCYC transfer clocks)
Mode 1: Asynchronous serial I/O (Half-duplex, 8 data bits, 1 stop bit, 8 to 2048 tCYC baudrates)
Mode 2: Bus mode 1 (start bit, 8 data bits, 2 to 512 tCYC transfer clocks)
Mode 3: Bus mode 2 (start detect, 8 data bits, stop detect)
• SIO2: 8 bit synchronous serial interface
1) LSB first mode
2) Built-in 3-bit baudrate generator (4/3 to 512/3 tCYC transfer clock cycle)
3) Automatic continuous data transmission (1 to 32 bytes)
UART: 2 channels
1) Full duplex
2) 7/8/9 bit data bits selectable
3) 1 stop bit (2 bits in continuous transmission mode)
4) Built-in 8-bit baudrate generator (with baudrates of 16/3 to 8192/3 tCYC)
AD Converter: 8 bits × 10 channels
PWM: Multifrequency 12-bit PWM × 4 channels
Remote Control Receiver Noise Filtering Function (sharing pins with P73, INT3, and T0IN)
1) Noise filter time constant selectable from 1 tCYC, 32 tCYC, and 128 tCYC
2) The noise filtering function is available for the INT3, T0IN, or T0HCP signal at P73. When P73 is read with an
instruction, the signal level at that pin is read regardless of the availability of the noise filtering function.
Watchdog Timer
• External RC watchdog timer
• Interrupt and reset signals selectable
Interrupts
• 29 sources, 10 vector addresses
1) Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt requests of
the level equal to or lower than the current interrupt are not accepted.
2) When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest level
takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest vector
address takes precedence.
No.
Vector Address
Level
Interrupt Source
1
00003H
X or L
INT0
2
0000BH
X or L
INT1
3
00013H
H or L
INT2/T0L/INT4
4
0001BH
H or L
INT3/INT5/Base timer (BT0, 1)
5
00023H
H or L
T0H/INT6
6
0002BH
H or L
T1L/T1H/INT7
7
00033H
H or L
SIO0/UART1 receive/UART2 receive
8
0003BH
H or L
SIO1/SIO2/UART1 transmit/UART2 transmit
9
00043H
H or L
ADC/T6/T7/PWM4, PWM5
10
0004BH
H or L
Port 0/T4/T5/PWM0, PWM1
• Priority levels X > H > L
• Of interrupts of the same level, the one with the smallest vector address takes precedence.
• The Base timers are two interrupt sources of BT0 and BT1, it is one interrupt source by PWM0 and 1, it is one
interrupt source by PWM4 and 5.


유사한 부품 번호 - LC87F83C8A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808 ONSEMI-LC87F0808 Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

유사한 설명 - LC87F83C8A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
   FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com