전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC87F8364A 데이터시트(PDF) 9 Page - Sanyo Semicon Device

부품명 LC87F8364A
상세설명  FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F8364A 데이터시트(HTML) 9 Page - Sanyo Semicon Device

Back Button LC87F8364A Datasheet HTML 5Page - Sanyo Semicon Device LC87F8364A Datasheet HTML 6Page - Sanyo Semicon Device LC87F8364A Datasheet HTML 7Page - Sanyo Semicon Device LC87F8364A Datasheet HTML 8Page - Sanyo Semicon Device LC87F8364A Datasheet HTML 9Page - Sanyo Semicon Device LC87F8364A Datasheet HTML 10Page - Sanyo Semicon Device LC87F8364A Datasheet HTML 11Page - Sanyo Semicon Device LC87F8364A Datasheet HTML 12Page - Sanyo Semicon Device LC87F8364A Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
LC87F83C8A/C8AU/96A/96AU/64A/64AU
No.A1780-9/31
Electrical Characteristics
at Ta = -40
°C to +85°C, VSS1 = VSS2 = VSS4 = AVSS = 0V
Specification
Parameter
Symbol
Pins/Remarks
Conditions
VDD[V]
min
typ
max
unit
IIH(1)
Ports 0, 1, 2
Ports 3, 7, 8
Ports B, C, E, F
SI2P0 to SI2P3
RES
PWM0, PWM1
Output disable
Pull-up resistor OFF
VIN=VDD
(including the off-leak current of
the output Tr.)
3.0 to 5.5
1
IIH(2)
XT1, XT2
Using as an input port
VIN=VDD
3.0 to 5.5
1
IIH(3)
CF1
VIN=VDD
3.0 to 5.5
1
5
15
High level input
curre
IIH(4)
FMIN, AMIN,
HCTR, LCTR
VIN=VDD
4.5 to 5.5
30
IIL(1)
Ports 0, 1, 2
Ports 3, 7, 8
Ports B, C, E, F
SI2P0 to SI2P3
RES
PWM0, PWM1
Output disable
Pull-up resistor OFF
VIN=VDD
(including the off-leak current of
the output Tr.)
3.0 to 5.5
-1
IIL(2)
XT1, XT2
Using as an input port
VIN=VSS
3.0 to 5.5
-1
IIL(3)
CF1
VIN=VSS
3.0 to 5.5
-15
-5
-1
Low level input
current
IIL(4)
FMIN, AMIN,
HCTR, LCTR
VIN=VSS
4.5 to 5.5
-30
μA
VOH(1)
IOH=-1.0mA
4.5 to 5.5
VDD-1
VOH(2)
Ports 0, 1, 2, 3
Ports B, C, E, F
Ports 71, 72, 73
SI2P0 to SI2P3
IOH=-0.4mA
3.0 to 5.5
VDD-0.4
VOH(3)
IOH=-10mA
4.5 to 5.5
VDD-1.5
VOH(4)
PWM0, PWM1
P30, P31(PWM4,
5 output mode)
IOH=-1.6mA
3.0 to 5.5
VDD-0.4
High level output
voltage
VOH(5)
EO, SUBPD
IOH=-500μA
4.5 to 5.5
VDD-1
VOL(1)
IOL=1.0mA
4.5 to 5.5
1.0
VOL(2)
Ports 0, 1, 2, 3
Ports B, C, E, F
Ports 71, 72, 73
SI2P0 to SI2P3
IOL=0.4mA
3.0 to 5.5
0.4
VOL(3)
IOL=10mA
4.5 to 5.5
1.5
VOL(4)
PWM0, PWM1
IOL=1.6mA
3.0 to 5.5
0.4
VOL(5)
Ports 70, 8, XT2
IOL=1.6mA
3.0 to 5.5
0.4
Low level output
voltage
VOL(6)
EO, SUBPD
IOL=500μA
4.5 to 5.5
1.0
V
Rpu(1)
4.5 to 5.5
15
35
80
Pull-up resistation
Rpu(2)
Ports 0, 1, 2, 3
Port 7
Ports B, C, E, F
VOH=0.9VDD
3.0 to 5.5
15
35
150
k
Ω
Hysteresis voltage
VHYS
RES
Ports 1, 2, 7
SI2P0 to SI2P3
3.0 to 5.5
0.1VDD
V
Pin capacitance
CP
All pins
• For pins other than that under
test: VIN=VSS
• f=1MHz
• Ta=25°C
3.0 to 5.5
10
pF
VDET0
• Excluding the HOLD mode
3.0
3.3
3.6
Power down
detection voltage
VDET1
VDD1
• HOLD mode
1.1
1.6
2.1
V


유사한 부품 번호 - LC87F8364A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808 ONSEMI-LC87F0808 Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

유사한 설명 - LC87F8364A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
   FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com