전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC87F5932A 데이터시트(PDF) 9 Page - Sanyo Semicon Device

부품명 LC87F5932A
상세설명  Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5932A 데이터시트(HTML) 9 Page - Sanyo Semicon Device

Back Button LC87F5932A Datasheet HTML 5Page - Sanyo Semicon Device LC87F5932A Datasheet HTML 6Page - Sanyo Semicon Device LC87F5932A Datasheet HTML 7Page - Sanyo Semicon Device LC87F5932A Datasheet HTML 8Page - Sanyo Semicon Device LC87F5932A Datasheet HTML 9Page - Sanyo Semicon Device LC87F5932A Datasheet HTML 10Page - Sanyo Semicon Device LC87F5932A Datasheet HTML 11Page - Sanyo Semicon Device LC87F5932A Datasheet HTML 12Page - Sanyo Semicon Device LC87F5932A Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
LC87F5932A
No.A0141-9/27
Pin
No.
Pin Name
Pin
No.
Pin Name
Pin
No.
Pin Name
Pin
No.
Pin Name
1
P12/SCK0
17
P06/T6O
33
PB1
49
P70/INT0/T0LCP/AN8
2
P13/SO1
18
P07/T7O
34
PB0
50
P71/INT1/T0HCP/AN9
3
P14/SI1/SB1
19
P20/UTX/INT4/T1IN
35
VSS3
51
P72/INT2/T0IN
4
P15/SCK1
20
P21/URX/INT4/T1IN
36
VDD3
52
P73/INT3/T0IN
5
P16/T1PWML
21
P22/INT4/T1IN
37
PC7
53
RES
6
P17/T1PWMH/BUZ
22
P23/INT4/T1IN
38
PC6
54
XT1/AN10
7
PWM2
23
P24/INT5/T1IN
39
PC5
55
XT2/AN11
8
PWM3
24
P25/INT5/T1IN
40
PC4
56
VSS1
9
VDD2
25
P26/INT5/T1IN
41
PC3
57
CF1
10
VSS2
26
P27/INT5/T1IN
42
PC2
58
CF2
11
P00
27
PB7
43
PC1
59
VDD1
12
P01
28
PB6
44
PC0
60
P80/AN0
13
P02
29
PB5
45
P86/AN6
61
P81/AN1
14
P03
30
PB4
46
P85/AN5
62
P82/AN2
15
P04
31
PB3
47
P84/AN4
63
P10/SO0
16
P05/CKO
32
PB2
48
P83/AN3
64
P11/SI0/SB0
SANYO: FLGA64(5.0
× 5.0) “Lead-free Type”
48
50
52
53
58
61
2
1
A
B
C
D
E
F
G
H
8
7
6
5
4
3
2
1
47
49
54
56
57
59
64
63
43
45
51
55
60
3
4
6
41
42
44
46
62
7
5
8
38
36
35
28
23
19
13
11
33
34
29
26
21
20
18
16
31
32
27
25
24
22
17
15
40
37
39
30
14
12
10
9
Top view
LC87F5932A


유사한 부품 번호 - LC87F5932A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC87F5932A SANYO-LC87F5932A Datasheet
183Kb / 25P
   CMOS IC Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
More results

유사한 설명 - LC87F5932A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC87F5932A SANYO-LC87F5932A Datasheet
183Kb / 25P
   CMOS IC Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A Datasheet
180Kb / 27P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7032A SANYO-LC87F7032A Datasheet
136Kb / 21P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7H32A SANYO-LC87F7H32A Datasheet
180Kb / 28P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F7932B SANYO-LC87F7932B Datasheet
196Kb / 29P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC875932A SANYO-LC875932A Datasheet
171Kb / 23P
   CMOS IC Internal 32K/24K/16K-byte ROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC87F40C8A SANYO-LC87F40C8A Datasheet
177Kb / 26P
   Internal 128K-byte FROM (ROM/CGROM), 2048 byte RAM, 1024-byte CGRAM, and 704횞10-bit CRT Display RAM 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com