전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC872G08A 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LC872G08A
상세설명  8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC872G08A 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LC872G08A Datasheet HTML 1Page - Sanyo Semicon Device LC872G08A Datasheet HTML 2Page - Sanyo Semicon Device LC872G08A Datasheet HTML 3Page - Sanyo Semicon Device LC872G08A Datasheet HTML 4Page - Sanyo Semicon Device LC872G08A Datasheet HTML 5Page - Sanyo Semicon Device LC872G08A Datasheet HTML 6Page - Sanyo Semicon Device LC872G08A Datasheet HTML 7Page - Sanyo Semicon Device LC872G08A Datasheet HTML 8Page - Sanyo Semicon Device LC872G08A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
LC872G08A/06A/04A
No.A1400-2/27
Minimum Bus Cycle
• 83.3ns (12MHz at VDD=2.7V to 5.5V)
• 100ns (10MHz at VDD=2.2V to 5.5V)
• 250ns (4MHz at VDD=1.8V to 5.5V)
Note: The bus cycle time here refers to the ROM read speed.
Minimum Instruction Cycle Time
• 250ns (12MHz at VDD=2.7V to 5.5V)
• 300ns (10MHz at VDD=2.2V to 5.5V)
• 750ns (4MHz at VDD=1.8V to 5.5V)
Ports
• Normal withstand voltage I/O ports
Ports I/O direction can be designated in 1-bit units
11 (P1n, P20, P21, P70)
Ports I/O direction can be designated in 4-bit units
8 (P0n)
• Dedicated oscillator ports/input ports
2 (CF1/XT1, CF2/XT2)
• Reset pin
1 (RES)
• Power pins
2 (VSS1, VDD1)
Timers
• Timer 0: 16-bit timer/counter with a capture register.
Mode 0: 8-bit timer with an 8-bit programmable prescaler (with an 8-bit capture register)
× 2 channels
Mode 1: 8-bit timer with an 8-bit programmable prescaler (with an 8-bit capture register)
+ 8-bit counter (with an 8-bit capture register)
Mode 2: 16-bit timer with an 8-bit programmable prescaler (with a 16-bit capture register)
Mode 3: 16-bit counter (with a 16-bit capture register)
• Timer 1: 16-bit timer/counter that supports PWM/toggle outputs
Mode 0: 8-bit timer with an 8-bit prescaler (with toggle outputs) + 8-bit timer/
counter with an 8-bit prescaler (with toggle outputs)
Mode 1: 8-bit PWM with an 8-bit prescaler
× 2 channels
Mode 2: 16-bit timer/counter with an 8-bit prescaler (with toggle outputs)
(toggle outputs also possible from the lower-order 8 bits)
Mode 3: 16-bit timer with an 8-bit prescaler (with toggle outputs)
(The lower-order 8 bits can be used as PWM)
• Timer 6: 8-bit timer with a 6-bit prescaler (with toggle outputs)
• Timer 7: 8-bit timer with a 6-bit prescaler (with toggle outputs)
• Base timer
1) The clock is selectable from the subclock (32.768kHz crystal oscillation), system clock, and timer 0 prescaler
output.
2) Interrupts are programmable in 5 different time schemes
High-Speed Clock Counter
• Can count clocks with a maximum clock rate of 20MHz (at a main clock of 10MHz).
• Can generate output real time.
SIO
• SIO0: 8-bit Synchronous serial interface
1) LSB first/MSB first mode selectable
2) Built-in 8-bit baudrate generator (maximum transfer clock cycle=4/3tCYC)
• SIO1: 8-bit asynchronous/synchronous serial interface
Mode 0: Synchronous 8-bit serial I/O (2- or 3-wire configuration, 2 to 512 tCYC transfer clocks)
Mode 1: Asynchronous serial I/O (half-duplex, 8 data bits, 1 stop bit, 8 to 2048 tCYC baudrates)
Mode 2: Bus mode 1 (start bit, 8 data bits, 2 to 512 tCYC transfer clocks)
Mode 3: Bus mode 2 (start detect, 8 data bits, stop detect)


유사한 부품 번호 - LC872G08A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC872G08A SANYO-LC872G08A Datasheet
174Kb / 27P
   8-bit 1-chip Microcontroller
More results

유사한 설명 - LC872G08A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC872H08A SANYO-LC872H08A Datasheet
224Kb / 28P
   CMOS IC 8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87FBK08A SANYO-LC87FBK08A Datasheet
185Kb / 28P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87FBL08A SANYO-LC87FBL08A Datasheet
185Kb / 28P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F2G08A SANYO-LC87F2G08A Datasheet
189Kb / 27P
   CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F2H08A SANYO-LC87F2H08A Datasheet
190Kb / 27P
   CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC66354B SANYO-LC66354B Datasheet
633Kb / 23P
   4-bit Single-Chip Microcontrollers On-Chip 4K/6K/8K-byte ROM
LC875G32A SANYO-LC875G32A Datasheet
149Kb / 23P
   ROM 32K/24K/16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC876D08A SANYO-LC876D08A Datasheet
141Kb / 19P
   CMOS IC ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com