전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC72121 데이터시트(PDF) 11 Page - Sanyo Semicon Device

부품명 LC72121
상세설명  PLL Frequency Synthesizers for Electronic Tuning
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72121 데이터시트(HTML) 11 Page - Sanyo Semicon Device

Back Button LC72121 Datasheet HTML 7Page - Sanyo Semicon Device LC72121 Datasheet HTML 8Page - Sanyo Semicon Device LC72121 Datasheet HTML 9Page - Sanyo Semicon Device LC72121 Datasheet HTML 10Page - Sanyo Semicon Device LC72121 Datasheet HTML 11Page - Sanyo Semicon Device LC72121 Datasheet HTML 12Page - Sanyo Semicon Device LC72121 Datasheet HTML 13Page - Sanyo Semicon Device LC72121 Datasheet HTML 14Page - Sanyo Semicon Device LC72121 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
No.
Control block/data
Function
Related data
No. 5815-11/23
LC72121, 72121M, 72121V
Continued from preceding page.
No.
Control block/data
Function
Related data
9
Clock time base
TBC
• Setting the TBC bit to 1 causes an 8-Hz clock time base signal with a 40% duty to be output from the
BO1 pin. (The BO1 data will be ignored.)
BO1
10
Charge pump
control data
DLC
• Forcibly controls the charge pump output.
* If the circuit deadlocks due to the VCO control voltage (Vtune) being 0 and the VCO being stopped,
applications can get out of the deadlocked state by setting the charge pump output to low and setting
Vtune to VCC. (Deadlock clear circuit)
11
IF counter control
data
IFS
• This data is normally set to 1. Setting this data to 0 sets the circuit to reduced input sensitivity mode, in
which the sensitivity is reduced by about 10 to 30 mV rms.
* See the “IF Counter Operation” section for details.
1
I/O port data
12, I1
• Data latched from the I/O port IO1 or IO2 pin states.
• These bits reflect the pin states regardless of the I/O port mode (input or output).
The data is latched at the point the circuit enters data output mode (OUT mode).
I1
← The IO1 pin state
H : 1
I2
← The IO2 pin state
L : 0
IOC1
IOC2
12
Test data
TEST0 to 2
• Test data
TEST0
TEST1
All these bits must be set to 0.
TEST2
All these bits are set to 0 after a power on reset.
13
DNC
• This bit must be set to 0.
DLC
Charge pump output
0
Normal operation
1
Forced to low
Structure of the DO Output Data (serial data output)
• OUT mode
DO Output Data
2
PLL unlocked state
data
UL
• Indicates the state of the unlocked state detection circuit.
UL
← 0: When the PLL is unlocked.
UL
← 1: When the PLL is locked or in the detection disabled mode.
UL0
UL1
3
IF counter binary
data
C19 to C0
• Indicates the value of the IF counter (20-bit binary counter).
C19
← MSB of the binary counter
C0
← LSB of the binary counter
CTE
GT0
GT1


유사한 부품 번호 - LC72121

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC72121 SANYO-LC72121 Datasheet
379Kb / 22P
   PLL Frequency Synthesizers for Electronic Tuning
LC72121M SANYO-LC72121M Datasheet
379Kb / 22P
   PLL Frequency Synthesizers for Electronic Tuning
LC72121MA SANYO-LC72121MA Datasheet
250Kb / 24P
   CMOS IC PLL Frequency Synthesizers for Electronic Tuning
LC72121V SANYO-LC72121V Datasheet
379Kb / 22P
   PLL Frequency Synthesizers for Electronic Tuning
More results

유사한 설명 - LC72121

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC72121 SANYO-LC72121 Datasheet
379Kb / 22P
   PLL Frequency Synthesizers for Electronic Tuning
LM7001J SANYO-LM7001J Datasheet
91Kb / 8P
   Direct PLL Frequency Synthesizers for Electronic Tuning
LC72121MA SANYO-LC72121MA Datasheet
250Kb / 24P
   CMOS IC PLL Frequency Synthesizers for Electronic Tuning
logo
NXP Semiconductors
TSA6057 PHILIPS-TSA6057 Datasheet
650Kb / 14P
   Radio tuning PLL frequency synthesizers
1997 Oct 29
logo
Sanyo Semicon Device
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com