전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC74763 데이터시트(PDF) 7 Page - Sanyo Semicon Device

부품명 LC74763
상세설명  On-Screen Display LSI
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74763 데이터시트(HTML) 7 Page - Sanyo Semicon Device

Back Button LC74763_11 Datasheet HTML 3Page - Sanyo Semicon Device LC74763_11 Datasheet HTML 4Page - Sanyo Semicon Device LC74763_11 Datasheet HTML 5Page - Sanyo Semicon Device LC74763_11 Datasheet HTML 6Page - Sanyo Semicon Device LC74763_11 Datasheet HTML 7Page - Sanyo Semicon Device LC74763_11 Datasheet HTML 8Page - Sanyo Semicon Device LC74763_11 Datasheet HTML 9Page - Sanyo Semicon Device LC74763_11 Datasheet HTML 10Page - Sanyo Semicon Device LC74763_11 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Display Control Commands
Display control commands are input in an 8-bit serial format. Commands consist of a command identification code in the
first byte and data in the second and following bytes. The following commands are supported.
① COMMAND0:
Display memory (VRAM) write address setting command
➁ COMMAND1:
Display character data write command
③ COMMAND2:
Vertical display start position and character size (lines 1 and 2) setting command
➃ COMMAND3:
Horizontal display start position and character size (lines 9 and 11) setting command
➄ COMMAND4:
Display control setting command 1
➅ COMMAND5:
Display control setting command 2
⑦ COMMAND6:
Display control setting command 3
⑧ COMMAND7:
Display control setting command 4
Display Control Command Table
First byte
Second byte
Command
Command identification code
Data
Data
7654321076543210
COMMAND0
1000
V3
V2
V1
V0
000
H4
H3
H2
H1
H0
Write address
COMMAND1
100100
at2
at1
c7
c6
c5
c4
c3
c2
c1
c0
Character write
COMMAND2
1010
SZ
SZ
SZ
SZ
00
VP
VP
VP
VP
VP
VP
Vertical display start position
21
20
11
10
543210
COMMAND3
1011
SZ
SZ
SZ
SZ
00
HP
HP
HP
HP
HP
HP
Horizontal display start position
B1
B0
91
90
543210
COMMAND4
1100
RST
RAM
OSC
RND
0
I/N
BLK
BLK
BK
ATS
0
DSP
Display control 1
101
COMMAND5
1101
PH
PH
PH
I/E
0
TST
CHAL
BKL
RSL
RSL
CVM
XTS
Display control 2
2
1
0
1
0
COMMAND6
1110
MOD
MOD
MOD
MOD
0
HFI
M30S SMS
IOS
BCL
BCL
CB
Display control 3
3210
10
COMMAND70
1111000
LINS
0
VCOS
LIN
LIN
LIN
LIN
LIN
LIN
Display control 4
1543210
COMMAND71
1111010
LINS
0
EG
PS
PS
VMN
SVIS
VNS
VSS
Display control 5
221
COMMAND72
1111100
LINS
0000
MOD
MOD
MOD
MOD
Display control 6
3210
COMMAND73
1111110
LINS
0000
VCOS SOUT VOUT HOUT
Display control 7
2
Once the command identification code in the first bite is written, it is stored internally until the first byte of the following
command is written. However, when the display character data write command (COMMAND1) is written, the system
becomes locked in display character data write mode, and the first byte cannot be overwritten.
When the CS pin is set high the command state is set to COMMAND0, i.e., display memory write address setting mode.
LC74763, LC74763M
No. 5039-7/21


유사한 부품 번호 - LC74763_11

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC74763M SANYO-LC74763M Datasheet
419Kb / 19P
   On-Screen Display LSI?
More results

유사한 설명 - LC74763_11

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
   On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
   On-Screen Display LSI?
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
   On-Screen Display LSI
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
   Camcorder On-Screen Display LSI
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
   On-Screen Display Controller LSI
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
   On-Screen Display Controller LSI
LC74725 SANYO-LC74725 Datasheet
260Kb / 16P
   On-Screen Display Controller LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com