전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC823410-10R 데이터시트(PDF) 8 Page - Sanyo Semicon Device

부품명 LC823410-10R
상세설명  Ultra-Low Power Consumption 7.0mW Large-Scale System LSI, GokLow, for IC Recorders
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC823410-10R 데이터시트(HTML) 8 Page - Sanyo Semicon Device

Back Button LC823410-10R Datasheet HTML 4Page - Sanyo Semicon Device LC823410-10R Datasheet HTML 5Page - Sanyo Semicon Device LC823410-10R Datasheet HTML 6Page - Sanyo Semicon Device LC823410-10R Datasheet HTML 7Page - Sanyo Semicon Device LC823410-10R Datasheet HTML 8Page - Sanyo Semicon Device LC823410-10R Datasheet HTML 9Page - Sanyo Semicon Device LC823410-10R Datasheet HTML 10Page - Sanyo Semicon Device LC823410-10R Datasheet HTML 11Page - Sanyo Semicon Device LC823410-10R Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
LC823410-10R
No.A1696-8/23
AC Characteristics: Reset at Ta = -30 to +70
°C, VDD1 = 1.05 to 1.65V, VDD2 = 2.7 to 3.6V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reset active time
tRESW1
Time after both of VDD1 and VDD2 reached
within the allowable operation voltage range
10
μs
Package Dimensions
unit : mm (typ)
3257A
tRESW1
NRES
SANYO : TQFP120(14X14)
0.125
120
0.15
0.4
(1.2)
1
14.0
16.0


유사한 부품 번호 - LC823410-10R

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC823425 ONSEMI-LC823425 Datasheet
388Kb / 29P
   Low Power Consumption 1 chip Audio LSI for Portable Sound Solution
LC823425-12G1-H ONSEMI-LC823425-12G1-H Datasheet
388Kb / 29P
   Low Power Consumption 1 chip Audio LSI for Portable Sound Solution
LC823425-13W1-E ONSEMI-LC823425-13W1-E Datasheet
388Kb / 29P
   Low Power Consumption 1 chip Audio LSI for Portable Sound Solution
LC823430TA ONSEMI-LC823430TA Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823430TA-2H ONSEMI-LC823430TA-2H Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
More results

유사한 설명 - LC823410-10R

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
MN6168 PANASONIC-MN6168 Datasheet
224Kb / 7P
   Digital Servo LSI for Video Tape Recorders
logo
ATMEL Corporation
SAM4L ATMEL-SAM4L_14 Datasheet
2Mb / 176P
   Technology for Ultra-low Power Consumption
logo
Taoglas antenna solutio...
AP.10G.01 TAOGLAS-AP.10G.01 Datasheet
724Kb / 12P
   Ultra low power consumption
logo
List of Unclassifed Man...
N20M-BM ETC2-N20M-BM Datasheet
305Kb / 1P
   Ultra low power consumption
logo
Laird Tech Smart Techno...
LT1110 LSTD-LT1110 Datasheet
922Kb / 2P
   Ultra-low power consumption
logo
Taoglas antenna solutio...
AP.10E.07.0039B TAOGLAS-AP.10E.07.0039B Datasheet
401Kb / 13P
   Ultra low power consumption
logo
Torex Semiconductor
XC3202B TOREX-XC3202B_15 Datasheet
202Kb / 9P
   Low Power Consumption Hall IC
XC3202B-12 TOREX-XC3202B-12 Datasheet
202Kb / 9P
   Low Power Consumption Hall IC
logo
ON Semiconductor
LC823425 ONSEMI-LC823425 Datasheet
388Kb / 29P
   Low Power Consumption 1 chip Audio LSI for Portable Sound Solution
logo
Renesas Technology Corp
RL78-G1G RENESAS-RL78-G1G Datasheet
837Kb / 70P
   Ultra-low power consumption technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com