전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC863356C 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LC863356C
상세설명  8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863356C 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LC863356C Datasheet HTML 1Page - Sanyo Semicon Device LC863356C Datasheet HTML 2Page - Sanyo Semicon Device LC863356C Datasheet HTML 3Page - Sanyo Semicon Device LC863356C Datasheet HTML 4Page - Sanyo Semicon Device LC863356C Datasheet HTML 5Page - Sanyo Semicon Device LC863356C Datasheet HTML 6Page - Sanyo Semicon Device LC863356C Datasheet HTML 7Page - Sanyo Semicon Device LC863356C Datasheet HTML 8Page - Sanyo Semicon Device LC863356C Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
83006 / 52506HKIM No.A0116-1/21
Ver.1.00
LC863364C,LC863356C
LC863348C,LC863340C
LC863332C,LC863328C
LC863324C,LC863320C
LC863316C
Overview
The LC863364C/56C/48C/40C/32C/28C/24C/20C/16C are 8-bit single chip microcontrollers with the following on-chip
functional blocks:
• CPU : Operable at a minimum bus cycle time of 0.424µs
• On-chip ROM capacity
Program ROM : 64K/56K/48K/40K/32K/28K/24K/20K/16K bytes
CGROM : 16K bytes
• On-chip RAM capacity : 640/512 bytes
• OSD RAM : 352×9 bits
• Five channels×8-bit AD Converter
• Three channels×7-bit PWM
• Two 16-bit timer/counters, 14-bit base timer
• 8-bit synchronous serial interface circuit
• IIC-bus compliant serial interface circuit (Multi-master type)
• ROM correction function
• 15-source 9-vectored interrupt system
• Integrated system clock generator and display clock generator
X’tal oscillator (32.768kHz) for PLL reference is used for TV control
All of the above functions are fabricated on a single chip.
Ordering number : ENA0116A
CMOS IC
64K/56K/48K/40K/32K/28K/24K/20K/16K-byte ROM,
CGROM16K-byte
on-chip 640/512-byte RAM and 352
×9-bit OSD RAM
8-bit 1-chip Microcontroller
Trademarks
IIC is a trademark of Philips Corporation.
Note : This product includes the IIC bus interface circuit. If you intend to use the IIC bus interface, please notify us of this in
advance of our receiving your program ROM code order.
Purchase of SANYO IIC components conveys a license under the Philips IIC Patents Rights to use these components in
an IIC system, provided that the system conforms to the IIC Standard Specification as defined by Philips.
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


유사한 부품 번호 - LC863356C

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC863356 SANYO-LC863356 Datasheet
653Kb / 20P
   8-Bit Single Chip Microcontroller
LC863356A SANYO-LC863356A Datasheet
653Kb / 20P
   8-Bit Single Chip Microcontroller
More results

유사한 설명 - LC863356C

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com