전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC863820B 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LC863820B
상세설명  8-bit 1-chip Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863820B 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LC863820B Datasheet HTML 1Page - Sanyo Semicon Device LC863820B Datasheet HTML 2Page - Sanyo Semicon Device LC863820B Datasheet HTML 3Page - Sanyo Semicon Device LC863820B Datasheet HTML 4Page - Sanyo Semicon Device LC863820B Datasheet HTML 5Page - Sanyo Semicon Device LC863820B Datasheet HTML 6Page - Sanyo Semicon Device LC863820B Datasheet HTML 7Page - Sanyo Semicon Device LC863820B Datasheet HTML 8Page - Sanyo Semicon Device LC863820B Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LC863864B/56B/48B/40B/32B/28B/24B/20B/16B
No.A0119-4/20
Interrupts
• 16 sources 10 vectored interrupts
1. External Interrupt INT0
2. External Interrupt INT1
3. External Interrupt INT2, Timer/counter T0L (Lower 8-bits)
4. External Interrupt INT3, base timer
5. Timer/counter T0H (Upper 8-bits)
6. Timer T1H, Timer T1L
7. SIO0
8. Data slicer
9. Vertical synchronous signal interrupt (VS), horizontal line (HS), AD
10. IIC, Port 0
• Interrupt priority control
Three interrupt priorities are supported (low, high and highest) and multi-level nesting is possible.
Low or high priority can be assigned to the interrupts from 3 to 10 listed above.
For the external interrupt INT0 and INT1, low or highest priority can be set.
Sub-routine stack level
• A maximum of 128 levels (stack is built in the internal RAM)
Multiplication/division instruction
• 16-bits × 8-bits (7 instruction cycle times)
• 16-bits ÷ 8-bits (7 instruction cycle times)
3 oscillation circuits
• Built-in RC oscillation circuit used for the system clock
• Built-in VCO circuit used for the system clock and OSD
• X’tal oscillation circuit used for base timer, system clock and PLL reference
Standby function
• HALT mode
The HALT mode is used to reduce the power dissipation. In this operation mode, the program execution is stopped.
This mode can be released by the interrupt request or the system reset.
• HOLD mode
The HOLD mode is used to stop the oscillations ; RC (internal), VCO, and X’tal oscillations.
This mode can be released by the following conditions.
1. Pull the reset terminal (RES) to low level.
2. Feed the selected level to either P70/INT0 or P71/INT1.
3. Input the interrupt condition to Port 0.
Package
• DIP42S (Lead-free type)
• QIP48E (Lead-free type)
Development tools
• Flash EEPROM
: LC86F3864A
• Evaluation chip
: LC863096
• Emulator
: EVA86000 (main) + ECB863200A (evaluation chip board)
+ POD863200 (pod: DIP42S) or POD863201 (QIP48E)
[Shared with LC8632 Series]


유사한 부품 번호 - LC863820B

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC863096 SANYO-LC863096 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863216A SANYO-LC863216A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863216C SANYO-LC863216C Datasheet
502Kb / 21P
   8-bit 1-chip Microcontroller
LC863220 SANYO-LC863220 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863220A SANYO-LC863220A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results

유사한 설명 - LC863820B

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com