전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC877808A 데이터시트(PDF) 9 Page - Sanyo Semicon Device

부품명 LC877808A
상세설명  8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877808A 데이터시트(HTML) 9 Page - Sanyo Semicon Device

Back Button LC877808A Datasheet HTML 5Page - Sanyo Semicon Device LC877808A Datasheet HTML 6Page - Sanyo Semicon Device LC877808A Datasheet HTML 7Page - Sanyo Semicon Device LC877808A Datasheet HTML 8Page - Sanyo Semicon Device LC877808A Datasheet HTML 9Page - Sanyo Semicon Device LC877808A Datasheet HTML 10Page - Sanyo Semicon Device LC877808A Datasheet HTML 11Page - Sanyo Semicon Device LC877808A Datasheet HTML 12Page - Sanyo Semicon Device LC877808A Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LC877816A/12A/08A
No.A0635-9/21
Port Output Types
Port form and pull-up resistor options are shown in the following table.
Port status can be read even when port is set to output mode.
Port Name
Option Selected
in Units of
Option Type
Output Type
Pull-up Resistor
1
CMOS
Programmable(Note 1)
P00 to P07
1 bit
2
Nch-open drain
No
1
CMOS
Programmable
P10 to P17
1 bit
2
Nch-open drain
Programmable
P70
-
No
Nch-open drain
Programmable
P71 to P73
-
No
CMOS
Programmable
1
CMOS
2
Pch-open drain
S16(PC0) to
S23(PC7)
-
3
Nch-open drain
No
Note 1: Attachment of Port0 programmable pull-up resistors is controllable in nibble units (P00 to 03, P04 to 07).
*1: Connect as follows to reduce noise on VDD.
VSS1 and VSS2 must be connected together and grounded.
*2: The power supply for the internal memory is VDC. VDD1 and VDD2 are used as the power supply for ports.
When VDD1 and VDD2 are not backed up, the port level does not become “H” even if the port latch is in the “H”
level. Therefore, when VDD1 and VDD2 are not backed up and the port latch is “H” level, the port level is unstable
in the HOLD mode, and the back up time becomes shorter because the through current runs from VDD to GND in
the input buffer. If VDD1 and VDD2 are not backed up, output “L” by the program or pull the port to “L” by the
external circuit in the HOLD mode so that the port level becomes “L” level and unnecessary current consumption is
prevented.
LSI
VDD1
VDD2
VSS2
VSS1
Power
supply
V1
V2
V3
VDC
CUP1
CUP2
Back up capacitors *2


유사한 부품 번호 - LC877808A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC877816A SANYO-LC877816A Datasheet
133Kb / 21P
   CMOS IC 16KB-byte and 512-byte RAM 8-bit 1-chip Microcontroller
More results

유사한 설명 - LC877808A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com