전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES1PB-M3-84A 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 ES1PB-M3-84A
상세설명  High Current Density Surface Mount Ultrafast Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ES1PB-M3-84A 데이터시트(HTML) 1 Page - Vishay Siliconix

  ES1PB-M3-84A Datasheet HTML 1Page - Vishay Siliconix ES1PB-M3-84A Datasheet HTML 2Page - Vishay Siliconix ES1PB-M3-84A Datasheet HTML 3Page - Vishay Siliconix ES1PB-M3-84A Datasheet HTML 4Page - Vishay Siliconix ES1PB-M3-84A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 88918
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Current Density Surface Mount Ultrafast Rectifiers
ES1PB, ES1PC, ES1PD
Vishay General Semiconductor
New Product
TYPICAL APPLICATIONS
For use in secondary rectification and freewheeling
for
ultrafast switching speeds of AC/DC and DC/DC converters
for both consumer and automotive applications.
FEATURES
• Very low profile - typical height of 1.0 mm
• Ideal for automated placement
• Glass passivated chip junction
• Ultrafast recovery times for high efficiency
• Low forward voltage, low power losses
• Low thermal resistance
• Meets MSL level 1 per J-STD-020, LF maximum
peak of 260 °C
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
MECHANICAL DATA
Case: DO-220AA (SMP)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Base P/NHM3 - halogen-free, RoHS compliant, and
automotive grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes the cathode end
PRIMARY CHARACTERISTICS
IF(AV)
1.0 A
VRRM
100 V, 150 V, 200 V
trr
15 ns
VF
0.92 V
TJ max.
150 °C
DO-220AA (SMP)
eSMP
® Series
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
ES1PB
ES1PC
ES1PD
UNIT
Device marking code
EB
EC
ED
Maximum repetitive peak reverse voltage
VRRM
100
150
200
V
Maximum average forward rectified current (fig. 1)
IF(AV)
1.0
A
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
30
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


유사한 부품 번호 - ES1PB-M3-84A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
ES1PB VISHAY-ES1PB Datasheet
153Kb / 2P
   High Current Density Surface Mount Ultrafast Rectifiers
23-Sep-04
ES1PB VISHAY-ES1PB Datasheet
84Kb / 4P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 30-Oct-13
ES1PB VISHAY-ES1PB Datasheet
93Kb / 6P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 19-Feb-15
ES1PB VISHAY-ES1PB Datasheet
103Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
01-Jan-2022
ES1PB VISHAY-ES1PB_15 Datasheet
93Kb / 6P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 19-Feb-15
More results

유사한 설명 - ES1PB-M3-84A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
ES1PA VISHAY-ES1PA Datasheet
153Kb / 2P
   High Current Density Surface Mount Ultrafast Rectifiers
23-Sep-04
ESH1PB VISHAY-ESH1PB_11 Datasheet
86Kb / 4P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 19-Apr-11
ES1PD-M3 VISHAY-ES1PD-M3 Datasheet
84Kb / 4P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 30-Oct-13
ESH1PB VISHAY-ESH1PB_V01 Datasheet
105Kb / 5P
   High Current Density Surface-Mount Ultrafast Rectifiers
01-Jan-2022
ESH1PA VISHAY-ESH1PA Datasheet
161Kb / 2P
   High Current Density Surface Mount Ultrafast Rectifiers
23-Sep-04
ES1PB VISHAY-ES1PB_V01 Datasheet
103Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
01-Jan-2022
UH4PBC VISHAY-UH4PBC_11 Datasheet
100Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 10-May-11
ES1PB VISHAY-ES1PB_15 Datasheet
93Kb / 6P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 19-Feb-15
ESH2PD-E3-84A VISHAY-ESH2PD-E3-84A Datasheet
92Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 24-Aug-11
ESH2PB VISHAY-ESH2PB_V01 Datasheet
105Kb / 5P
   High Current Density Surface-Mount Ultrafast Rectifiers
01-Jan-2022
ESH2PB VISHAY-ESH2PB Datasheet
103Kb / 4P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 13-May-08
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com