전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK672-430A-E 데이터시트(PDF) 8 Page - Sanyo Semicon Device

부품명 STK672-430A-E
상세설명  2-phase Stepping Motor Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-430A-E 데이터시트(HTML) 8 Page - Sanyo Semicon Device

Back Button STK672-430A-E_11 Datasheet HTML 4Page - Sanyo Semicon Device STK672-430A-E_11 Datasheet HTML 5Page - Sanyo Semicon Device STK672-430A-E_11 Datasheet HTML 6Page - Sanyo Semicon Device STK672-430A-E_11 Datasheet HTML 7Page - Sanyo Semicon Device STK672-430A-E_11 Datasheet HTML 8Page - Sanyo Semicon Device STK672-430A-E_11 Datasheet HTML 9Page - Sanyo Semicon Device STK672-430A-E_11 Datasheet HTML 10Page - Sanyo Semicon Device STK672-430A-E_11 Datasheet HTML 11Page - Sanyo Semicon Device STK672-430A-E_11 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
STK672-430A-E
No.A1127-8/21
Timing Charts
2-phase excitation timing charts (M3=1)
1-2-phase excitation timing charts (M3=1)
W1-2-phase excitation timing charts (M3=1)
2W1-2-phase excitation timing charts (M3=1)
M1
M2
M3
RESET
CWB
CLK
A
B
A
0
0
100%
71%
100%
71%
Vref
Vref
0
1
A phase
B
MOI
M1
M2
M3
RESET
CWB
CLK
A
B
A
0
0
100%
71%
40%
100%
92%
92%
71%
40%
Vref
Vref
0
1
1
B
MOI
M1
M2
M3
RESET
CWB
CLK
A
B
A
0
1
0
100%
71%
100%
71%
Vref
Vref
0
1
A phase
B phase
B phase
A phase
A phase
B phase
B phase
B
MOI
M1
M2
M3
RESET
CWB
CLK
A
B
A
0
0
100%
92%
83%
97%
71%
55%
40%
20%
Vref
0
1
1
1
100%
92%
83%
97%
71%
55%
40%
20%
Vref
B
MOI
ITF02581
ITF02580
ITF02583
ITF02582


유사한 부품 번호 - STK672-430A-E_11

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK672-430A-E SANYO-STK672-430A-E Datasheet
147Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-430A-E ONSEMI-STK672-430A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
More results

유사한 설명 - STK672-430A-E_11

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com