전자부품 데이터시트 검색엔진 |
|
STK672-440A-E 데이터시트(PDF) 1 Page - Sanyo Semicon Device |
|
STK672-440A-E 데이터시트(HTML) 1 Page - Sanyo Semicon Device |
1 / 21 page 62911HKPC 018-08-0074/N2509HKIM/71608HKIM No.A1128-1/21 STK672-440A-E Overview The STK672-440A-E is a hybrid IC for use as a unipolar, 2-phase stepping motor driver with PWM current control. Applications • Office photocopiers, printers, etc. Features • Built-in overcurrent detection function (output current OFF). • Built-in overheat detection function (output current OFF). • If either over-current or overheat detection function is activated, the FAULT1 signal (active low) is output. The FAULT2 signal is used to output the result of activation of protection circuit detection at 2 levels. • Built-in power on reset function. • A micro-step sine wave-driven driver can be activated merely by inputting an external clock. • External pins can be used to select 2, 1-2 (including pseudo-micro), W1-2, 2 W1-2, or 4W1-2 excitation. • The switch timing of the 4-phase distributor can be switched by setting an external pin (MODE3) to detect either the rise and fall, or rise only, of CLOCK input. • Phase is maintained even when the excitation mode is switched. Rotational direction switching function. • Supports schmitt input for 2.5V high level input. • Incorporating a current detection resistor (0.122Ω: resistor tolerance ±2%), motor current can be set using two external resistors. • The ENABLE pin can be used to cut output current while maintaining the excitation mode. • With a wide current setting range, power consumption can be reduced during standby. • No motor sound is generated during hold mode due to external excitation current control. • A external excitation system is used for PWM operations. Fixed current control for shifting the phase of Ach/Bch is used for the PWM phase. Ordering number : ENA1128B Thick-Film Hybrid IC 2-phase Stepping Motor Driver Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer 's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer 'sproductsor equipment. Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, AV equipment, communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. If you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. |
유사한 부품 번호 - STK672-440A-E_11 |
|
유사한 설명 - STK672-440A-E_11 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |