전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSOT04 데이터시트(PDF) 7 Page - Vishay Siliconix

부품명 GSOT04
상세설명  Single-Line ESD-Protection in SOT-23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSOT04 데이터시트(HTML) 7 Page - Vishay Siliconix

  GSOT04 Datasheet HTML 1Page - Vishay Siliconix GSOT04 Datasheet HTML 2Page - Vishay Siliconix GSOT04 Datasheet HTML 3Page - Vishay Siliconix GSOT04 Datasheet HTML 4Page - Vishay Siliconix GSOT04 Datasheet HTML 5Page - Vishay Siliconix GSOT04 Datasheet HTML 6Page - Vishay Siliconix GSOT04 Datasheet HTML 7Page - Vishay Siliconix GSOT04 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 85807
For technical questions, contact: ESDprotection@vishay.com
www.vishay.com
Rev. 2.0, 22-Jul-10
7
GSOT03 to GSOT36
Single-Line ESD-Protection in
SOT-23
Vishay Semiconductors
Note
• BiAs mode (between pin 3 and pin 1)
PACKAGE DIMENSIONS in millimeters (inches): SOT-23
ELECTRICAL CHARACTERISTICS GSOT36
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
1
lines
Reverse working voltage
at IR = 1 μA
VRWM
36
-
-
V
Reverse current
at VR = 36 V
IR
--
1
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
39
43
-
V
Reverse clamping voltage
at IPP = 1 A
VC
-49
60
V
at IPP = IPPM = 3.5 A
-
59
71
V
Forward clamping voltage
at IPP = 1 A
VF
-1
1.2
V
at IPP = IPPM = 3.5 A
-
1.3
-
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-52
65
pF
at VR = 18 V; f = 1 MHz
-
12
-
pF
Foot print recommendation:
Rev. 8 - Date: 23.Sept.2009
17418
Document no.: 6.541-5014.01-4
0.9 (0.035)
1 (0.039)
0.9 (0.035)
1 (0.039)
0.45 (0.018)
0.35 (0.014)
2.8 (0.110)
3.1 (0.122)
0.45 (0.018)
0.35 (0.014)
0.45 (0.018)
0.35 (0.014)
2.35 (0.093)
2.6 (0.102)
0.95 (0.037)
0.95 (0.037)
0.7 (0.028)
0.3 (0.012)
0.5 (0.020)
0.550 ref. (0.022 ref.)


유사한 부품 번호 - GSOT04

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
GSOT04 VISHAY-GSOT04 Datasheet
102Kb / 4P
   ESD Protection Diode
Rev. 2, 02-Jun-03
GSOT04-HT3 VISHAY-GSOT04-HT3 Datasheet
99Kb / 5P
   ESD Protection Diode
Rev. 1.4, 29-Apr-05
GSOT04-HT3-GS08 VISHAY-GSOT04-HT3-GS08 Datasheet
99Kb / 5P
   ESD Protection Diode
Rev. 1.4, 29-Apr-05
GSOT04C VISHAY-GSOT04C Datasheet
103Kb / 4P
   ESD Protection Diode
Rev. 1, 02-Jun-03
GSOT04C VISHAY-GSOT04C Datasheet
185Kb / 12P
   Two-Line ESD-Protection in SOT-23
Rev. 2.0, 22-Jul-10
More results

유사한 설명 - GSOT04

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
GSOT03 VISHAY-GSOT03_V01 Datasheet
155Kb / 10P
   Single-Line ESD Protection in SOT-23
01-Jan-2022
GSOT05L-V VISHAY-GSOT05L-V Datasheet
108Kb / 5P
   Single-Line ESD-Protection Diode in SOT-23
Rev. 1.2, 01-Jul-10
GSOT05CL-V VISHAY-GSOT05CL-V Datasheet
122Kb / 6P
   Two-Line ESD-Protection in SOT-23
Rev. 1.2, 01-Jul-10
GSOT03C VISHAY-GSOT03C_10 Datasheet
185Kb / 12P
   Two-Line ESD-Protection in SOT-23
Rev. 2.0, 22-Jul-10
GSOT03C VISHAY-GSOT03C_V01 Datasheet
180Kb / 14P
   Two-Line ESD Protection in SOT-23
01-Jan-2022
VESD33A2-03S VISHAY-VESD33A2-03S Datasheet
118Kb / 6P
   Dual-Line ESD Protection Diode in SOT-23
Rev. 1.0, 16-Jan-2019
VESD33A2-03S VISHAY-VESD33A2-03S_V01 Datasheet
117Kb / 6P
   Dual-Line Unidirectional ESD Protection Diode in SOT-23
01-Jan-2022
logo
ON Semiconductor
UESD3.3DT5G ONSEMI-UESD3.3DT5G Datasheet
36Kb / 4P
   ESD Protection Diodes - In Ultra Small SOT??23 Package
April, 2005 ??Rev. 0
logo
Vishay Siliconix
VCAN26A2-03G VISHAY-VCAN26A2-03G_V01 Datasheet
120Kb / 5P
   Bidirectional Symmetrical (BiSy) Low Capacitance, Dual-Line ESD Protection Diode in SOT-23
01-Jan-2022
VCAN33A2-03S VISHAY-VCAN33A2-03S_V01 Datasheet
125Kb / 6P
   Bidirectional Symmetrical (BiSy) Low Capacitance, Dual-Line ESD Protection Diode in SOT-23
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com