전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSOT12C 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 GSOT12C
상세설명  Two-Line ESD-Protection in SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSOT12C 데이터시트(HTML) 1 Page - Vishay Siliconix

  GSOT12C Datasheet HTML 1Page - Vishay Siliconix GSOT12C Datasheet HTML 2Page - Vishay Siliconix GSOT12C Datasheet HTML 3Page - Vishay Siliconix GSOT12C Datasheet HTML 4Page - Vishay Siliconix GSOT12C Datasheet HTML 5Page - Vishay Siliconix GSOT12C Datasheet HTML 6Page - Vishay Siliconix GSOT12C Datasheet HTML 7Page - Vishay Siliconix GSOT12C Datasheet HTML 8Page - Vishay Siliconix GSOT12C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Document Number: 85824
For technical questions, contact: ESDprotection@vishay.com
www.vishay.com
Rev. 2.0, 22-Jul-10
1
Two-Line ESD-Protection in SOT-23
GSOT03C to GSOT36C
Vishay Semiconductors
MARKING (example only)
YYY = type code (see table below)
XX = date code
FEATURES
• Two-line ESD-protection device
• ESD-protection acc. IEC 61000-4-2
± 30 kV contact discharge
± 30 kV air discharge
• Space saving SOT-23 package
• AEC-Q101 qualified
•e3 - Sn
• Compliant
to
RoHS
directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
20456
2
3
1
20512
1
20357
YYY
ORDERING INFORMATION
DEVICE NAME
ENVIRONMENTAL
STATUS
ORDERING CODE
TAPED UNITS PER REEL
(8 mm TAPE ON 7" REEL)
MINIMUM ORDER
QUANTITY
GSOT03C
Standard
GSOT03C-GS08
3000
15 000
Green
GSOT03C-V-G-08
GSOT04C
Standard
GSOT04C-GS08
3000
15 000
Green
GSOT04C-V-G-08
GSOT05C
Standard
GSOT05C-GS08
3000
15 000
Green
GSOT05C-V-G-08
GSOT08C
Standard
GSOT08C-GS08
3000
15 000
Green
GSOT08C-V-G-08
GSOT12C
Standard
GSOT12C-GS08
3000
15 000
Green
GSOT12C-V-G-08
GSOT15C
Standard
GSOT15C-GS08
3000
15 000
Green
GSOT15C-V-G-08
GSOT24C
Standard
GSOT24C-GS08
3000
15 000
Green
GSOT24C-V-G-08
GSOT36C
Standard
GSOT36C-GS08
3000
15 000
Green
GSOT36C-V-G-08
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902


유사한 부품 번호 - GSOT12C

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
GSOT12C VISHAY-GSOT12C Datasheet
103Kb / 4P
   ESD Protection Diode
Rev. 1, 02-Jun-03
logo
AiT Semiconductor Inc.
GSOT12C AITSEMI-GSOT12C Datasheet
551Kb / 8P
   ESD PROTECTION DUAL TRANSIENT VOLTAGE SUPPRESSORS ARRAY FOR ESD PROTECTION
REV1.2
logo
Shanghai Leiditech Elec...
GSOT12C LEIDITECH-GSOT12C Datasheet
518Kb / 3P
   TVS Diode Array
Rev : 01.08.2021
logo
TECH PUBLIC Electronics...
GSOT12C TECHPUBLIC-GSOT12C Datasheet
1Mb / 4P
   TVS Diode Array
logo
Guangdong Youtai Semico...
GSOT12C-E3-08 UMW-GSOT12C-E3-08 Datasheet
382Kb / 13P
   Two-line ESD protection device
More results

유사한 설명 - GSOT12C

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
GSOT03C VISHAY-GSOT03C_V01 Datasheet
180Kb / 14P
   Two-Line ESD Protection in SOT-23
01-Jan-2022
GSOT05CL-V VISHAY-GSOT05CL-V Datasheet
122Kb / 6P
   Two-Line ESD-Protection in SOT-23
Rev. 1.2, 01-Jul-10
GSOT03 VISHAY-GSOT03_10 Datasheet
105Kb / 8P
   Single-Line ESD-Protection in SOT-23
Rev. 2.0, 22-Jul-10
GSOT03 VISHAY-GSOT03_V01 Datasheet
155Kb / 10P
   Single-Line ESD Protection in SOT-23
01-Jan-2022
GSOT05L-V VISHAY-GSOT05L-V Datasheet
108Kb / 5P
   Single-Line ESD-Protection Diode in SOT-23
Rev. 1.2, 01-Jul-10
VESD33A2-03S VISHAY-VESD33A2-03S Datasheet
118Kb / 6P
   Dual-Line ESD Protection Diode in SOT-23
Rev. 1.0, 16-Jan-2019
VESD33A2-03S VISHAY-VESD33A2-03S_V01 Datasheet
117Kb / 6P
   Dual-Line Unidirectional ESD Protection Diode in SOT-23
01-Jan-2022
GSOT03C-HT3 VISHAY-GSOT03C-HT3 Datasheet
244Kb / 13P
   Two-Line ESD-Protection in LLP75
Rev. 1.7, 21-Apr-08
logo
ON Semiconductor
UESD3.3DT5G ONSEMI-UESD3.3DT5G Datasheet
36Kb / 4P
   ESD Protection Diodes - In Ultra Small SOT??23 Package
April, 2005 ??Rev. 0
logo
Vishay Siliconix
VCAN26A2-03G VISHAY-VCAN26A2-03G_V01 Datasheet
120Kb / 5P
   Bidirectional Symmetrical (BiSy) Low Capacitance, Dual-Line ESD Protection Diode in SOT-23
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com