전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GT100LA120UX 데이터시트(PDF) 8 Page - Vishay Siliconix

부품명 GT100LA120UX
상세설명  "Low Side Chopper" IGBT SOT-227 (Trench IGBT), 100 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GT100LA120UX 데이터시트(HTML) 8 Page - Vishay Siliconix

Back Button GT100LA120UX Datasheet HTML 2Page - Vishay Siliconix GT100LA120UX Datasheet HTML 3Page - Vishay Siliconix GT100LA120UX Datasheet HTML 4Page - Vishay Siliconix GT100LA120UX Datasheet HTML 5Page - Vishay Siliconix GT100LA120UX Datasheet HTML 6Page - Vishay Siliconix GT100LA120UX Datasheet HTML 7Page - Vishay Siliconix GT100LA120UX Datasheet HTML 8Page - Vishay Siliconix GT100LA120UX Datasheet HTML 9Page - Vishay Siliconix GT100LA120UX Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
GT100LA120UX
Vishay Semiconductors "Low Side Chopper" IGBT SOT-227
(Trench IGBT), 100 A
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93099
8
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 22-Jul-10
ORDERING INFORMATION TABLE
CIRCUIT CONFIGURATION
1
-
Insulated Gate Bipolar Transistor (IGBT)
2
-
T = Trench IGBT
3
-
Current rating (100 = 100 A)
4
-
Circuit configuration (L = Low side chopper)
5
-
Package indicator (A = SOT-227)
6
-
Voltage rating (120 = 1200 V)
7
-
Speed/type (U = Ultrafast IGBT)
8
-
Diode (X = HEXFRED®)
Device code
5
13
24
67
8
G
T
100
L
A
120
U
X
2
1
3
4
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95036
Packaging information
www.vishay.com/doc?95037


유사한 부품 번호 - GT100LA120UX

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
GT100DA120U VISHAY-GT100DA120U Datasheet
177Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
Revision: 22-Jul-10
GT100DA120U VISHAY-GT100DA120U Datasheet
176Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
02-Oct-12
GT100DA60U VISHAY-GT100DA60U Datasheet
175Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
Revision: 22-Jul-10
GT100DA60U VISHAY-GT100DA60U Datasheet
178Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
02-Oct-12
GT100DA60U VISHAY-GT100DA60U_V01 Datasheet
178Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
02-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com