전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSOT15C-V-G-08 데이터시트(PDF) 8 Page - Vishay Siliconix

부품명 GSOT15C-V-G-08
상세설명  Two-Line ESD-Protection in SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSOT15C-V-G-08 데이터시트(HTML) 8 Page - Vishay Siliconix

Back Button GSOT15C-V-G-08 Datasheet HTML 4Page - Vishay Siliconix GSOT15C-V-G-08 Datasheet HTML 5Page - Vishay Siliconix GSOT15C-V-G-08 Datasheet HTML 6Page - Vishay Siliconix GSOT15C-V-G-08 Datasheet HTML 7Page - Vishay Siliconix GSOT15C-V-G-08 Datasheet HTML 8Page - Vishay Siliconix GSOT15C-V-G-08 Datasheet HTML 9Page - Vishay Siliconix GSOT15C-V-G-08 Datasheet HTML 10Page - Vishay Siliconix GSOT15C-V-G-08 Datasheet HTML 11Page - Vishay Siliconix GSOT15C-V-G-08 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.vishay.com
For technical questions, contact: ESDprotection@vishay.com
Document Number: 85824
8
Rev. 2.0, 22-Jul-10
GSOT03C to GSOT36C
Vishay Semiconductors Two-Line ESD-Protection in SOT-23
Note
• Ratings at 25 °C, ambient temperature unless otherwise specified. BiAs mode (between pin 1 to 2 or pin 2 to 1; pin 3 not connected)
Note
• Ratings at 25 °C, ambient temperature unless otherwise specified. BiAs mode (between pin 1 to 2 or pin 2 to 1; pin 3 not connected)
Note
• Ratings at 25 °C, ambient temperature unless otherwise specified. BiAs mode (between pin 1 to 2 or pin 2 to 1; pin 3 not connected)
L1
20361
Ground
BiSy
ELECTRICAL CHARACTERISTICS GSOT03C
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
1
lines
Reverse working voltage
at IR = 100 μA
VRWM
3.8
-
-
V
Reverse current
at VR = 3.8 V
IR
--
100
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
4.5
5.3
-
V
Reverse clamping voltage
at IPP = 1 A
VC
-7
8.4
V
at IPP = IPPM = 30 A
-
14
16.8
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-
210
300
pF
at VR = 1.6 V; f = 1 MHz
-
190
-
pF
ELECTRICAL CHARACTERISTICS GSOT04C
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
1
lines
Reverse working voltage
at IR = 20 μA
VRWM
4.5
-
-
V
Reverse current
at VR = 4:5 V
IR
--
20
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
5.5
6.8
-
V
Reverse clamping voltage
at IPP = 1 A
VC
-7.5
9
V
at IPP = IPPM = 30 A
-
15.7
18.8
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-
155
225
pF
at VR = 2 V; f = 1 MHz
-
135
-
pF
ELECTRICAL CHARACTERISTICS GSOT05C
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
1
lines
Reverse working voltage
at IR = 10 μA
VRWM
5.5
-
-
V
Reverse current
at VR = 5.5 V
IR
--
10
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
6.5
7.5
-
V
Reverse clamping voltage
at IPP = 1 A
VC
-8.1
9.7
V
at IPP = IPPM = 18 A
-
17
20.4
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-
130
175
pF
at VR = 4 V; f = 1 MHz
-
100
-
pF


유사한 부품 번호 - GSOT15C-V-G-08

제조업체부품명데이터시트상세설명
logo
Guangdong Youtai Semico...
GSOT15C-E3-08 UMW-GSOT15C-E3-08 Datasheet
382Kb / 13P
   Two-line ESD protection device
logo
Vishay Siliconix
GSOT15C-HT3 VISHAY-GSOT15C-HT3 Datasheet
244Kb / 13P
   Two-Line ESD-Protection in LLP75
Rev. 1.7, 21-Apr-08
More results

유사한 설명 - GSOT15C-V-G-08

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
GSOT03C VISHAY-GSOT03C_V01 Datasheet
180Kb / 14P
   Two-Line ESD Protection in SOT-23
01-Jan-2022
GSOT05CL-V VISHAY-GSOT05CL-V Datasheet
122Kb / 6P
   Two-Line ESD-Protection in SOT-23
Rev. 1.2, 01-Jul-10
GSOT03 VISHAY-GSOT03_10 Datasheet
105Kb / 8P
   Single-Line ESD-Protection in SOT-23
Rev. 2.0, 22-Jul-10
GSOT03 VISHAY-GSOT03_V01 Datasheet
155Kb / 10P
   Single-Line ESD Protection in SOT-23
01-Jan-2022
GSOT05L-V VISHAY-GSOT05L-V Datasheet
108Kb / 5P
   Single-Line ESD-Protection Diode in SOT-23
Rev. 1.2, 01-Jul-10
VESD33A2-03S VISHAY-VESD33A2-03S Datasheet
118Kb / 6P
   Dual-Line ESD Protection Diode in SOT-23
Rev. 1.0, 16-Jan-2019
VESD33A2-03S VISHAY-VESD33A2-03S_V01 Datasheet
117Kb / 6P
   Dual-Line Unidirectional ESD Protection Diode in SOT-23
01-Jan-2022
GSOT03C-HT3 VISHAY-GSOT03C-HT3 Datasheet
244Kb / 13P
   Two-Line ESD-Protection in LLP75
Rev. 1.7, 21-Apr-08
logo
ON Semiconductor
UESD3.3DT5G ONSEMI-UESD3.3DT5G Datasheet
36Kb / 4P
   ESD Protection Diodes - In Ultra Small SOT??23 Package
April, 2005 ??Rev. 0
logo
Vishay Siliconix
VCAN26A2-03G VISHAY-VCAN26A2-03G_V01 Datasheet
120Kb / 5P
   Bidirectional Symmetrical (BiSy) Low Capacitance, Dual-Line ESD Protection Diode in SOT-23
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com