전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TIG111GMH 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 TIG111GMH
상세설명  High Power High Speed Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TIG111GMH 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  TIG111GMH Datasheet HTML 1Page - Sanyo Semicon Device TIG111GMH Datasheet HTML 2Page - Sanyo Semicon Device TIG111GMH Datasheet HTML 3Page - Sanyo Semicon Device TIG111GMH Datasheet HTML 4Page - Sanyo Semicon Device TIG111GMH Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TIG111GMH
No.9014-1/5
Features
Low-saturation voltage
Ultrahigh speed switching
Enhansment type
Specifications
Absolute Maximum Ratings at Ta=25°C, Unless otherwise specified
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Emitter Voltage
VCES
600
V
Gate-to-Emitter Voltage
VGES
±30
V
Collector Current (DC)
IC*1
Limited by Tjmax
32
A
IC*2
Limited by Tjmax
@Tc=25°C*3
21
A
@Tc=100°C*3
10
A
Collector Current (Pulse)
ICP
Pulse width Limited by Tjmax
128
A
Allowable Power Dissipation
PD
3W
Tc=25°C (SANYO’s ideal heat dissipation condition)*3
55
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55 to +150
°C
Note :
*1 Shows chip capability
*2 Collector current is calculated from the following for mula
*3 SANYO’s condition is radiation from backside.
The method is applying silicone grease to the backside of the device and attaching the device to water-cooled radiator made of aluminium.
Package Dimensions
unit : mm (typ)
7504-003
Ordering number : EN9014
92811QJ TKIM TC-00002634
SANYO Semiconductors
DATA SHEET
TIG111GMH
N-Channel Non Punch Through IGBT
High Power High Speed Switching
Applications
http://semicon.sanyo.com/en/network
Product & Package Information
• Package
: TO-3PMLH
• JEITA, JEDEC
: SC-93, TO-247, SOT-199
• Minimum Packing Quantity : 100 pcs./tray
Marking
Electrical Connection
TIG111
LOT No.
2
1
3
Tjmax - TC
IC(TC)=
Rth(j-c)×VCE(sat)max.(Tjmax, IC(TC))
16.0
3.4
12
3
2.0
2.8
2.1
5.45
5.45
0.7
0.9
5.6
3.1
1 : Gate
2 : Collector
3 : Emitter
SANYO : TO-3PMLH


유사한 부품 번호 - TIG111GMH

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
TIG111BF SANYO-TIG111BF Datasheet
466Kb / 5P
   High Power High Speed Switching Applications
More results

유사한 설명 - TIG111GMH

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
TIG111BF SANYO-TIG111BF Datasheet
466Kb / 5P
   High Power High Speed Switching Applications
TIG056BF SANYO-TIG056BF Datasheet
330Kb / 4P
   High Power High Speed Switching Applications
logo
Toshiba Semiconductor
MG400Q1US65H TOSHIBA-MG400Q1US65H Datasheet
195Kb / 6P
   High Power & High Speed Switching Applications
logo
Sanyo Semicon Device
TIG110BF SANYO-TIG110BF Datasheet
469Kb / 5P
   High Power High Speed Switching Applications
logo
Toshiba Semiconductor
MG150Q2YS65H TOSHIBA-MG150Q2YS65H Datasheet
167Kb / 6P
   High Power & High Speed Switching Applications
logo
Sanyo Semicon Device
TIG110GMH SANYO-TIG110GMH Datasheet
484Kb / 5P
   High Power High Speed Switching Applications
2SK687 SANYO-2SK687 Datasheet
722Kb / 8P
   High Speed Power Switching Applications
2SK686 SANYO-2SK686 Datasheet
722Kb / 8P
   High Speed Power Switching Applications
logo
Toshiba Semiconductor
2SA1382 TOSHIBA-2SA1382_09 Datasheet
176Kb / 5P
   Power Amplifier Applications High-Speed Switching Applications
2SC6125 TOSHIBA-2SC6125 Datasheet
156Kb / 5P
   High-Speed Switching Applications Power Amplifier Applications
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com