전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAR14 데이터시트(PDF) 1 Page - Siemens Semiconductor Group

부품명 BAR14
상세설명  Silicon PIN Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAR14 데이터시트(HTML) 1 Page - Siemens Semiconductor Group

  BAR14 Datasheet HTML 1Page - Siemens Semiconductor Group BAR14 Datasheet HTML 2Page - Siemens Semiconductor Group BAR14 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Semiconductor Group
1
Silicon PIN Diodes
BAR 14-1
… BAR 16-1
Maximum Ratings per Diode
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BAR 14-1
Q62702-A772
L7
SOT-23
BAR 15-1
Q62702-A731
L8
BAR 16-1
Q62702-A773
L9
Parameter
Symbol
Values
Unit
Reverse voltage
VR
100
V
Total power dissipation, TS
65 ˚C2)
Ptot
250
mW
Tj
150
˚C
Forward current
IF
140
mA
Junction temperature
Storage temperature range
Top
– 55 … + 150
Tstg
– 55 … + 150
Thermal Resistance
Junction - ambient2)
Rth JA
500
K/W
Junction - soldering point
Rth JS
340
Operating temperature range
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on alumina 15 mm
× 16.7 mm × 0.7 mm.
q
RF switch
q
RF attenuator for frequencies above 10 MHz
q
Low distortion factor
q
Long-term stability of electrical characteristics
07.94


유사한 부품 번호 - BAR14

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
BAR14 KEXIN-BAR14 Datasheet
39Kb / 1P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR14-1 INFINEON-BAR14-1 Datasheet
448Kb / 4P
   Silicon PIN Diode
Dec-20-2002
BAR14-1 INFINEON-BAR14-1 Datasheet
87Kb / 7P
   Silicon PIN Diode
2007-04-19
BAR14-1 INFINEON-BAR14-1 Datasheet
848Kb / 7P
   Silicon PIN Diode
2007-04-19
BAR14-1 INFINEON-BAR14-1 Datasheet
848Kb / 7P
   RF switch, RF attenuator for frequencies above 10 MHz
2007-04-19
More results

유사한 설명 - BAR14

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
BAR60 KEXIN-BAR60 Datasheet
38Kb / 1P
   Silicon PIN Diodes
BAR14 KEXIN-BAR14 Datasheet
39Kb / 1P
   Silicon PIN Diodes
BAR50-03W KEXIN-BAR50-03W Datasheet
39Kb / 2P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR50 INFINEON-BAR50 Datasheet
465Kb / 8P
   Silicon PIN Diodes
Feb-04-2003
logo
Vishay Siliconix
BA479G VISHAY-BA479G Datasheet
36Kb / 3P
   Silicon PIN Diodes
Rev. 2, 01-Apr-99
logo
Infineon Technologies A...
BAR-50-02V-H6327 INFINEON-BAR-50-02V-H6327 Datasheet
982Kb / 12P
   Silicon PIN Diodes
2011-07-18
BAR50 INFINEON-BAR50_09 Datasheet
874Kb / 12P
   Silicon PIN Diodes
2009-05-13
logo
Vishay Siliconix
BA7792 VISHAY-BA7792 Datasheet
46Kb / 3P
   Silicon PIN Diodes
Rev. 3, 01-Apr-99
logo
Siemens Semiconductor G...
BA682 SIEMENS-BA682 Datasheet
52Kb / 3P
   SILICON PIN DIODES
logo
Infineon Technologies A...
BAR-63-02V-H6327 INFINEON-BAR-63-02V-H6327 Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com