전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAR63-04 데이터시트(PDF) 2 Page - Siemens Semiconductor Group

부품명 BAR63-04
상세설명  Silicon PIN Diode (PIN diode for high speed switching of RF signals Low forward resistance Very low capacitance For frequencies up to 3 GHz)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAR63-04 데이터시트(HTML) 2 Page - Siemens Semiconductor Group

  BAR63-04 Datasheet HTML 1Page - Siemens Semiconductor Group BAR63-04 Datasheet HTML 2Page - Siemens Semiconductor Group BAR63-04 Datasheet HTML 3Page - Siemens Semiconductor Group BAR63-04 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAR 63...
Semiconductor Group
2
Edition A01, 23.02.95
Electrical characteristics
at
TA = 25
°C, unless otherwise specified.
Parameter
Symbol
Value
Unit
min.
typ.
max.
DC characteristics
Breakdown voltage
IR = 5
µA
V(BR)
50
-
-
V
Reverse leakage
VR = 20 V
IR
--50
nA
Forward voltage
IF = 100 mA
VF
-
0.95
1.2
V
Diode capacitance
VR = 0 V, f = 100 MHz
CT
-
0.3
-
pF
Diode capacitance
VR = 5 V, f = 1 MHz
CT
-
0.21
0.3
pF
Forward resistance
IF = 5 mA, f = 100 MHz
IF = 10 mA, f = 100 MHz
rf
-
-
1.2
1
2
-
Charge carrier lifetime
IF = 10 mA, IR = 6 mA, IR = 3 mA
τs
-75
-
ns
Series inductance
Ls
-
1.4
-
nH
Forward current
IF = f (TA*TS)
BAR63
Forward current
IF = f (TA*TS)
per each Diode BAR63-04,-05,-06
T
TA
S
I
F
mA
T
TA
S
T
T
A
S
I
F
T
T
A
S
mA


유사한 부품 번호 - BAR63-04

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BAR63-04 INFINEON-BAR63-04 Datasheet
497Kb / 9P
   Silicon PIN Diodes
Jun-27-2003
logo
Guangdong Kexin Industr...
BAR63-04 KEXIN-BAR63-04 Datasheet
40Kb / 2P
   Silicon PIN Diode
logo
Infineon Technologies A...
BAR63-04 INFINEON-BAR63-04 Datasheet
180Kb / 16P
   Silicon PIN Diodes
2007-04-19
BAR63-04 INFINEON-BAR63-04 Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
BAR63-04 INFINEON-BAR63-04 Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
More results

유사한 설명 - BAR63-04

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BAR63-03W SIEMENS-BAR63-03W Datasheet
52Kb / 4P
   Silicon PIN Diode (PIN diode for high speed switching of RF signals Low forward resistance Very low capacitance For frequencies up to 3 GHz)
BAR63-W SIEMENS-BAR63-W Datasheet
46Kb / 4P
   Silicon PIN Diode (PIN diode for high speed switching of RF signal Low forward resistance Very low capacitance For frequencies up to 3 GHz)
BAR63-02W SIEMENS-BAR63-02W Datasheet
24Kb / 4P
   Silicon PIN Diode (PIN diode for high speed switching of RF signals, Low forward resistance, small capacitance small inductance)
logo
NXP Semiconductors
BAP55LX NXP-BAP55LX_10 Datasheet
244Kb / 9P
   Silicon PIN diode High speed switching for RF signals
Rev. 2-16 December 2010
logo
Siemens Semiconductor G...
BXY42 SIEMENS-BXY42 Datasheet
104Kb / 6P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor PIN Diode for high speed switching of RF signals)
BAT30 SIEMENS-BAT30 Datasheet
247Kb / 2P
   silicon schottky diode (RF detector, Low-power mixer, Zerobias, Very low capacitance, for frequencies up to 25 GHz)
logo
Microsemi Corporation
UM9701 MICROSEMI-UM9701_06 Datasheet
240Kb / 7P
   Low Resistance, Low Distortion, RF Switching PIN Diode
logo
Siemens Semiconductor G...
BAT62-07W SIEMENS-BAT62-07W Datasheet
33Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT62-03W SIEMENS-BAT62-03W Datasheet
39Kb / 4P
   Silicon Schottky Diode (Low Barrier diode for detectors up to GHz frequencies)
BAT62-02W SIEMENS-BAT62-02W Datasheet
26Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com