전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLZ14L 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 IRLZ14L
상세설명  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRLZ14L 데이터시트(HTML) 2 Page - Vishay Siliconix

  IRLZ14L Datasheet HTML 1Page - Vishay Siliconix IRLZ14L Datasheet HTML 2Page - Vishay Siliconix IRLZ14L Datasheet HTML 3Page - Vishay Siliconix IRLZ14L Datasheet HTML 4Page - Vishay Siliconix IRLZ14L Datasheet HTML 5Page - Vishay Siliconix IRLZ14L Datasheet HTML 6Page - Vishay Siliconix IRLZ14L Datasheet HTML 7Page - Vishay Siliconix IRLZ14L Datasheet HTML 8Page - Vishay Siliconix IRLZ14L Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
Document Number: 90414
2
S11-1044-Rev. C, 30-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRLZ14S, IRLZ14L, SiHLZ14S, SiHLZ14L
Vishay Siliconix
Note
a. When mounted on 1" square PCB (FR-4 or G-10 material).
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
 300 μs; duty cycle  2 %.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
(PCB Mount)a
RthJA
-40
°C/W
Maximum Junction-to-Case (Drain)
RthJC
-3.5
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = 250 μA
60
-
-
V
VDS Temperature Coefficient
VDS/TJ
Reference to 25 °C, ID = 1 mA
-
0.07
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
1.0
-
2.0
V
Gate-Source Leakage
IGSS
VGS = ± 10 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
-
-
25
μA
VDS = 48 V, VGS = 0 V, TJ = 150 °C
-
-
250
Drain-Source On-State Resistance
RDS(on)
VGS = 5 V
ID = 6.0 Ab
--
0.2
VGS = 4 V
ID = 5.0 Ab
-
-
0.28
Forward Transconductance
gfs
VDS = 25 V, ID = 6.0 A
3.5
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
400
-
pF
Output Capacitance
Coss
-
170
-
Reverse Transfer Capacitance
Crss
-42
-
Total Gate Charge
Qg
VGS = 5 V
ID = 10 A, VDS = 48 V,
see fig. 6 and 13b
--
8.4
nC
Gate-Source Charge
Qgs
--
3.5
Gate-Drain Charge
Qgd
--
6.0
Turn-On Delay Time
td(on)
VDD = 30 V, ID = 10 A,
Rg = 12 , RD = 2.8 , see fig. 10b
-9.3
-
ns
Rise Time
tr
-
110
-
Turn-Off Delay Time
td(off)
-17
-
Fall Time
tf
-26
-
Internal Source Inductance
LS
Between lead, and center of die contact
-
7.5
-
nH
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
10
A
Pulsed Diode Forward Currenta
ISM
--
40
Body Diode Voltage
VSD
TJ = 25 °C, IS = 10 A, VGS = 0 Vb
--
1.6
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 10 A, dI/dt = 100 A/μsb
-
93
130
ns
Body Diode Reverse Recovery Charge
Qrr
-
340
650
nC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
S
D
G


유사한 부품 번호 - IRLZ14L

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLZ14L IRF-IRLZ14L Datasheet
291Kb / 10P
   Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=10A)
logo
Vishay Siliconix
IRLZ14L VISHAY-IRLZ14L Datasheet
294Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 21-Jul-08
More results

유사한 설명 - IRLZ14L

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com