전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB20H150CT-1 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SB20H150CT-1
상세설명  Dual Common-Cathode High-Voltage Schottky Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB20H150CT-1 데이터시트(HTML) 2 Page - Vishay Siliconix

  SB20H150CT-1 Datasheet HTML 1Page - Vishay Siliconix SB20H150CT-1 Datasheet HTML 2Page - Vishay Siliconix SB20H150CT-1 Datasheet HTML 3Page - Vishay Siliconix SB20H150CT-1 Datasheet HTML 4Page - Vishay Siliconix SB20H150CT-1 Datasheet HTML 5Page - Vishay Siliconix SB20H150CT-1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBR20H150CT, MBRF20H150CT, SB20H150CT-1
www.vishay.com
Vishay General Semiconductor
Revision: 09-Aug-11
2
Document Number: 88864
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Derating Curve (Total)
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Per Diode
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Maximum instantaneous forward voltage
per diode
IF = 10 A
TC = 25 °C
VF (1)
0.90
V
IF = 10 A
TC = 125 °C
0.75
IF = 20 A
TC = 25 °C
0.99
IF = 20 A
TC = 125 °C
0.86
Maximum reverse current per diode at
working peak reverse voltage
TJ = 25 °C
IR (1)
5.0
μA
TJ = 125 °C
1.0
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR
MBRF
MBRB
UNIT
Typical thermal resistance per diode
RJC
2.2
4.2
2.2
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
MBR20H150CT-E3/45
2.06
45
50/tube
Tube
ITO-220AB
MBRF20H150CT-E3/45
2.20
45
50/tube
Tube
TO-262AA
SB20H150CT-1E3/45
1.58
45
50/tube
Tube
0
5
10
15
20
25
30
25
50
75
100
125
150
175
MBRF
MBR, MBRB
Case Temperature (°C)
0
20
40
60
80
100
120
140
160
180
200
220
240
260
10
1
100
T
J = TJ Max.
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz


유사한 부품 번호 - SB20H150CT-1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SB20H150CT-1 VISHAY-SB20H150CT-1 Datasheet
128Kb / 5P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 18-Apr-08
logo
Kersemi Electronic Co.,...
SB20H150CT-1 KERSEMI-SB20H150CT-1 Datasheet
1Mb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
logo
Vishay Siliconix
SB20H150CT-1 VISHAY-SB20H150CT-1 Datasheet
105Kb / 7P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 13-Aug-13
logo
Kersemi Electronic Co.,...
SB20H150CT-1E3 KERSEMI-SB20H150CT-1E3 Datasheet
1Mb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
logo
Vishay Siliconix
SB20H150CT-1E3/45 VISHAY-SB20H150CT-1E3/45 Datasheet
128Kb / 5P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 18-Apr-08
More results

유사한 설명 - SB20H150CT-1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
MBR60100CT VISHAY-MBR60100CT_08 Datasheet
99Kb / 4P
   Dual Common-Cathode High Voltage Schottky Rectifier
Revision: 19-May-08
logo
Nell Semiconductor Co.,...
MBR30100CT NELLSEMI-MBR30100CT Datasheet
198Kb / 4P
   Dual Common Cathode High-Voltage Schottky Rectifier,
MBR10100CT NELLSEMI-MBR10100CT Datasheet
378Kb / 5P
   Dual Common Cathode High-Voltage Schottky Rectifier
logo
Bruckewell Technology L...
MBRF1060C BWTECH-MBRF1060C Datasheet
527Kb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
logo
Vishay Siliconix
MBR30H90CT VISHAY-MBR30H90CT_15 Datasheet
725Kb / 4P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 17-Aug-15
MBR10H15 VISHAY-MBR10H15_15 Datasheet
95Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 11-Dec-14
MBR60100CT VISHAY-MBR60100CT_15 Datasheet
82Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 13-Aug-13
logo
Bruckewell Technology L...
MBR3040CT BWTECH-MBR3040CT Datasheet
449Kb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
logo
Vishay Siliconix
MBR10HXXCT VISHAY-MBR10HXXCT Datasheet
157Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 29-Jul-15
M10HXXCT VISHAY-M10HXXCT Datasheet
153Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 18-Mar-16
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com