전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT14-064 데이터시트(PDF) 1 Page - Siemens Semiconductor Group

부품명 BAT14-064
상세설명  Silicon Schottky Diodes (Medium barrier diodes for detector and mixer applications Hermetical ceramic package)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT14-064 데이터시트(HTML) 1 Page - Siemens Semiconductor Group

  BAT14-064 Datasheet HTML 1Page - Siemens Semiconductor Group BAT14-064 Datasheet HTML 2Page - Siemens Semiconductor Group BAT14-064 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Schottky Diodes
BAT 14- … 4
q
Medium barrier diodes for detector and mixer
applications
q
Hermetical ceramic package
q
For frequencies up to 40 GHz
ESD: Electrostatic discharge sensitive device, observe handling precautions!
Maximum Ratings
Type
Ordering Code
Package1)
Pin Configuration
BAT 14-014
BAT 14-034
Q62702-D1005
Q62702-D1019
T1
Frequency
band (GHz)
… 4 (S)
BAT 14-044
BAT 14-064
Q62702-D1026
Q62702-D1036
… 8 (C)
BAT 14-074
BAT 14-094
Q62702-D1041
Q62702-D1051
… 12 (X)
BAT 14-104
BAT 14-114
Q62702-D1056
Q62702-D1061
… 18 (Ku)
BAT 14-124
Q62702-D1066
… 40 (Ka)
Cathode: black dot,
heat sink
Parameter
Symbol
Values
Unit
Reverse voltage
VR
3V
Junction temperature
Tj
175
˚C
Storage temperature range
Tstg
– 65 … + 150
Forward current BAT 14-014 … BAT 14-064
BAT 14-074 … BAT 74-124
IF
100
50
mA
Operating temperature range
Top
– 65 … + 150
1)
For detailed information see chapter Package Outlines.


유사한 부품 번호 - BAT14-064

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BAT14-064 SIEMENS-BAT14-064 Datasheet
125Kb / 7P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
More results

유사한 설명 - BAT14-064

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BAT15 SIEMENS-BAT15 Datasheet
134Kb / 8P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAT14 SIEMENS-BAT14 Datasheet
125Kb / 7P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
logo
Skyworks Solutions Inc.
SMS7621 SKYWORKS-SMS7621 Datasheet
74Kb / 5P
   Surface Mount Mixer and Detector Schottky Diodes
SMS1546 SKYWORKS-SMS1546 Datasheet
143Kb / 5P
   Surface Mount Mixer and Detector Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E1339 MA-COM-MA4E1339 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1338 MA-COM-MA4E1338 Datasheet
126Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1340 MA-COM-MA4E1340_16 Datasheet
691Kb / 6P
   Silicon Medium Barrier Schottky Diodes
logo
Tyco Electronics
MA4E1338 MACOM-MA4E1338 Datasheet
123Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1340 MACOM-MA4E1340 Datasheet
142Kb / 7P
   Silicon Medium Barrier Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E1339_V9 MA-COM-MA4E1339_V9 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com