전자부품 데이터시트 검색엔진 |
|
SB340S 데이터시트(PDF) 1 Page - Vishay Siliconix |
|
SB340S 데이터시트(HTML) 1 Page - Vishay Siliconix |
1 / 4 page Document Number: 88819 For technical questions within your region, please contact one of the following: www.vishay.com Revision: 19-Oct-09 DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com 1 Schottky Barrier Rectifier SB320S thru SB360S Vishay General Semiconductor New Product FEATURES • Very small conduction losses • Extremely fast switching • Low forward voltage drop • High frequency operation • 20 kV ESD capability • Solder dip 275 °C max. 10 s, per JESD 22-B106 • Compliant to RoHS directive 2002/95/EC and in accordance to WEEE 2002/96/EC TYPICAL APPLICATIONS For use in low voltage high frequency inverters, freewheeling, dc-to-dc converters, and polarity protection applications. MECHANICAL DATA Case: DO-204AC (DO-15) Molding compound meets UL 94 V-0 flammability rating Base P/N-E3 - RoHS compliant, commercial grade Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD 22-B102 E3 suffix meets JESD 201 class 1A whisker test Polarity: Color band denotes the cathode end PRIMARY CHARACTERISTICS IF(AV) 3.0 A VRRM 20 V to 60 V IFSM 100 A VF 0.50 V, 0.70 V TJ max. 125 °C, 150 °C DO-204AC (DO-15) MAXIMUM RATINGS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL SB320S SB330S SB340S SB350S SB360S UNIT Maximum repetitive peak reverse voltage VRRM 20 30 40 50 60 V Maximum RMS voltage VRMS 14 21 28 35 42 V Maximum DC blocking voltage VDC 20 30 40 50 60 V Maximum average forward rectified current at 0.375" (9.5 mm) lead length (fig. 1) IF(AV) 3.0 A Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load IFSM 100 A Electrostatic discharge capacitor voltage human body model air discharge: C = 100 pF, R = 1.5 k Ω VC 20 kV Voltage rate of change (rated VR) dV/dt 10 000 V/μs Operating junction temperature range TJ - 65 to + 125 - 65 to + 150 °C Storage temperature range TSTG - 65 to + 150 °C |
유사한 부품 번호 - SB340S |
|
유사한 설명 - SB340S |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |