전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SBYV26C 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 SBYV26C
상세설명  Glass Passivated Ultrafast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SBYV26C 데이터시트(HTML) 5 Page - Vishay Siliconix

  SBYV26C Datasheet HTML 1Page - Vishay Siliconix SBYV26C Datasheet HTML 2Page - Vishay Siliconix SBYV26C Datasheet HTML 3Page - Vishay Siliconix SBYV26C Datasheet HTML 4Page - Vishay Siliconix SBYV26C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Document Number: 91000
www.vishay.com
Revision: 11-Mar-11
1
Disclaimer
Legal Disclaimer Notice
Vishay
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of typical
requirements that are often placed on Vishay products in generic applications. Such statements are not binding statements
about the suitability of products for a particular application. It is the customer’s responsibility to validate that a particular
product with the properties described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance may vary over time. All
operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk and agree
to fully indemnify and hold Vishay and its distributors harmless from and against any and all claims, liabilities, expenses and
damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that Vishay
or its distributor was negligent regarding the design or manufacture of the part. Please contact authorized Vishay personnel to
obtain written terms and conditions regarding products designed for such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by
any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.


유사한 부품 번호 - SBYV26C

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SBYV26C VISHAY-SBYV26C Datasheet
30Kb / 2P
   Glass Passivated Ultrafast Rectifier
11-Feb-02
SBYV26C VISHAY-SBYV26C Datasheet
108Kb / 5P
   Glass Passivated Ultrafast Rectifier
Revision: 20-Aug-07
logo
Gulf Semiconductor
SBYV26C GULFSEMI-SBYV26C Datasheet
101Kb / 2P
   SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?200 to 1400V CURRENT: 1.0A
logo
Shenzhen Taychipst Elec...
SBYV26C TAYCHIPST-SBYV26C Datasheet
15Mb / 2P
   Glass Passivated Ultrafast Rectifier
logo
SUNMATE electronic Co.,...
SBYV26C SUNMATE-SBYV26C Datasheet
81Kb / 2P
   1.0A Axial Leaded Ultra Fast Rectifier
More results

유사한 설명 - SBYV26C

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
FGP20B VISHAY-FGP20B_12 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
FGP20B VISHAY-FGP20B_11 Datasheet
77Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
FGP30B VISHAY-FGP30B_12 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
EGP20A VISHAY-EGP20A Datasheet
111Kb / 5P
   Glass Passivated Ultrafast Rectifier
Revision: 20-Aug-07
EGP10A VISHAY-EGP10A Datasheet
103Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 20-Aug-07
FGP10B VISHAY-FGP10B_12 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
EGP30A VISHAY-EGP30A_11 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
EGP50A VISHAY-EGP50A_11 Datasheet
80Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
FGP50B VISHAY-FGP50B Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
FGP20B VISHAY-FGP20B Datasheet
266Kb / 3P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com