전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SBYV26C 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 SBYV26C
상세설명  Glass Passivated Ultrafast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SBYV26C 데이터시트(HTML) 4 Page - Vishay Siliconix

  SBYV26C Datasheet HTML 1Page - Vishay Siliconix SBYV26C Datasheet HTML 2Page - Vishay Siliconix SBYV26C Datasheet HTML 3Page - Vishay Siliconix SBYV26C Datasheet HTML 4Page - Vishay Siliconix SBYV26C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88735
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 15-Mar-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SBYV26C
Vishay General Semiconductor
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
DO-204AL (DO-41)
0.107 (2.7)
0.080 (2.0)
DIA.
0.034 (0.86)
0.028 (0.71)
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160 (4.1)


유사한 부품 번호 - SBYV26C

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SBYV26C VISHAY-SBYV26C Datasheet
30Kb / 2P
   Glass Passivated Ultrafast Rectifier
11-Feb-02
SBYV26C VISHAY-SBYV26C Datasheet
108Kb / 5P
   Glass Passivated Ultrafast Rectifier
Revision: 20-Aug-07
logo
Gulf Semiconductor
SBYV26C GULFSEMI-SBYV26C Datasheet
101Kb / 2P
   SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?200 to 1400V CURRENT: 1.0A
logo
Shenzhen Taychipst Elec...
SBYV26C TAYCHIPST-SBYV26C Datasheet
15Mb / 2P
   Glass Passivated Ultrafast Rectifier
logo
SUNMATE electronic Co.,...
SBYV26C SUNMATE-SBYV26C Datasheet
81Kb / 2P
   1.0A Axial Leaded Ultra Fast Rectifier
More results

유사한 설명 - SBYV26C

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
FGP20B VISHAY-FGP20B_12 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
FGP20B VISHAY-FGP20B_11 Datasheet
77Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
FGP30B VISHAY-FGP30B_12 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
EGP20A VISHAY-EGP20A Datasheet
111Kb / 5P
   Glass Passivated Ultrafast Rectifier
Revision: 20-Aug-07
EGP10A VISHAY-EGP10A Datasheet
103Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 20-Aug-07
FGP10B VISHAY-FGP10B_12 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
EGP30A VISHAY-EGP30A_11 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
EGP50A VISHAY-EGP50A_11 Datasheet
80Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
FGP50B VISHAY-FGP50B Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
FGP20B VISHAY-FGP20B Datasheet
266Kb / 3P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com