전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1401EDH 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI1401EDH
상세설명  P-Channel 12 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1401EDH 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI1401EDH Datasheet HTML 1Page - Vishay Siliconix SI1401EDH Datasheet HTML 2Page - Vishay Siliconix SI1401EDH Datasheet HTML 3Page - Vishay Siliconix SI1401EDH Datasheet HTML 4Page - Vishay Siliconix SI1401EDH Datasheet HTML 5Page - Vishay Siliconix SI1401EDH Datasheet HTML 6Page - Vishay Siliconix SI1401EDH Datasheet HTML 7Page - Vishay Siliconix SI1401EDH Datasheet HTML 8Page - Vishay Siliconix SI1401EDH Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 70080
S10-1537-Rev. A, 19-Jul-10
www.vishay.com
3
Vishay Siliconix
Si1401EDH
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Gate Current vs. Gate-Source Voltage
Output Characteristics
On-Resistance vs. Drain Current
0369
12
15
V
GS - Gate-Source Voltage (V)
0
0.02
0.04
0.06
0.08
0.1
0
0
0.5
1.0
1.5
2.0
5
10
15
20
25
V
DS - Drain-to-Source Voltage (V)
V
GS = 5 V thru 3 V
V
GS = 2 V
V
GS = 2.5 V
V
GS = 1.5 V
0.00
0
5
10
15
20
25
0.02
0.04
0.06
0.08
0.10
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 1.8 V
V
GS = 2.5 V
V
GS = 1.5 V
Gate Current vs. Gate-Source Voltage
Transfer Characteristics
Gate Charge
0
3
6
9
12
15
V
GS - Gate-Source Voltage (V)
10
-10
10-9
10-8
10-6
10-4
10-7
10-5
10-3
T
J = 25 °C
T
J = 150 °C
0
0
0.4
0.8
1.2
1.6
1
2
3
4
5
V
GS - Gate-to-Source Voltage (V)
T
C = 125 °C
T
C = 25 °C
T
C = - 55 °C
0
5
10
15
20
25
Q
g - Total Gate Charge (nC)
0
2
4
6
8
I
D = 5.5 A
V
DS = 9.6 V
V
DS = 3 V
V
DS = 6 V


유사한 부품 번호 - SI1401EDH

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1401EDH VISHAY-SI1401EDH Datasheet
268Kb / 12P
   P-Channel 12 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI1401EDH-T1-GE3 VBSEMI-SI1401EDH-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1401EDH VISHAY-SI1401EDH_V01 Datasheet
268Kb / 12P
   P-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI1401EDH

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com