전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1443EDH 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI1443EDH
상세설명  P-Channel 30 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1443EDH 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI1443EDH Datasheet HTML 1Page - Vishay Siliconix SI1443EDH Datasheet HTML 2Page - Vishay Siliconix SI1443EDH Datasheet HTML 3Page - Vishay Siliconix SI1443EDH Datasheet HTML 4Page - Vishay Siliconix SI1443EDH Datasheet HTML 5Page - Vishay Siliconix SI1443EDH Datasheet HTML 6Page - Vishay Siliconix SI1443EDH Datasheet HTML 7Page - Vishay Siliconix SI1443EDH Datasheet HTML 8Page - Vishay Siliconix SI1443EDH Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 67849
S11-0869-Rev. A, 02-May-11
Vishay Siliconix
Si1443EDH
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 30
V
VDS Temperature Coefficient
VDS/TJ
ID = - 250 µA
- 22
mV/°C
VGS(th) Temperature Coefficient
VGS(th)/TJ
2.6
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.6
- 1.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 20
µA
VDS = 0 V, VGS = ± 4.5 V
± 1
Zero Gate Voltage Drain Current
IDSS
VDS = - 30 V, VGS = 0 V
- 1
VDS = - 30 V, VGS = 0 V, TJ = 55 °C
- 10
On-State Drain Currenta
ID(on)
VDS - 5 V, VGS = - 10 V
- 15
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V, ID = - 4.3 A
0.043
0.054
VGS = - 4.5 V, ID = - 4 A
0.049
0.062
VGS = - 2.5 V, ID = - 3.5 A
0.067
0.085
Forward Transconductancea
gfs
VDS = - 15 V, ID = - 4.3 A
14
S
Dynamicb
Total Gate Charge
Qg
VDS = - 15 V, VGS = - 10 V, ID = - 4.3 A
18.5
28
nC
Gate-Source Charge
VDS = - 15 V, VGS = - 4.5 V, ID = - 4.3 A
8.6
13
Qgs
1.7
Gate-Drain Charge
Qgd
2.5
Gate Resistance
Rg
f = 1 MHz
0.09
0.45
0.90
k
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 4.4 
ID  - 3.4 A, VGEN = - 4.5 V, Rg = 1 
125
188
ns
Rise Time
tr
220
330
Turn-Off Delay Time
td(off)
1115
1673
Fall Time
tf
435
653
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 4.4 
ID  - 3.4 A, VGEN = - 10 V, Rg = 1 
40
60
Rise Time
tr
64
98
Turn-Off Delay Time
td(off)
1800
2700
Fall Time
tf
420
630
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
- 2.3
A
Pulse Diode Forward Current
ISM
- 15
Body Diode Voltage
VSD
IS = - 3.4 A, VGS = 0 V
- 0.85
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 3.4 A, dI/dt = 100 A/µs, TJ = 25 °C
14
21
ns
Body Diode Reverse Recovery Charge
Qrr
714
nC
Reverse Recovery Fall Time
ta
9
ns
Reverse Recovery Rise Time
tb
5


유사한 부품 번호 - SI1443EDH

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1443EDH VISHAY-SI1443EDH_V01 Datasheet
270Kb / 12P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI1443EDH

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com