전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3410DV 데이터시트(PDF) 10 Page - Vishay Siliconix

부품명 SI3410DV
상세설명  N-Channel 30-V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3410DV 데이터시트(HTML) 10 Page - Vishay Siliconix

Back Button SI3410DV Datasheet HTML 3Page - Vishay Siliconix SI3410DV Datasheet HTML 4Page - Vishay Siliconix SI3410DV Datasheet HTML 5Page - Vishay Siliconix SI3410DV Datasheet HTML 6Page - Vishay Siliconix SI3410DV Datasheet HTML 7Page - Vishay Siliconix SI3410DV Datasheet HTML 8Page - Vishay Siliconix SI3410DV Datasheet HTML 9Page - Vishay Siliconix SI3410DV Datasheet HTML 10Page - Vishay Siliconix SI3410DV Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Application Note 826
Vishay Siliconix
www.vishay.com
Document Number: 72610
26
Revision: 21-Jan-08
RECOMMENDED MINIMUM PADS FOR TSOP-6
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.099
(2.510)
0.039
(1.001)
0.020
(0.508)
0.019
(0.493)
Return to Index
Return to Index


유사한 부품 번호 - SI3410DV

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3410DV VISHAY-SI3410DV Datasheet
142Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 08-Oct-07
logo
Vishay Telefunken
SI3410DV TFUNK-SI3410DV Datasheet
197Kb / 11P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI3410DV-T1-E3 VISHAY-SI3410DV-T1-E3 Datasheet
142Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 08-Oct-07
logo
VBsemi Electronics Co.,...
SI3410DV-T1-GE3 VBSEMI-SI3410DV-T1-GE3 Datasheet
486Kb / 9P
   N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI3410DV VISHAY-SI3410DV_V01 Datasheet
226Kb / 11P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI3410DV

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com