전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3590DV 데이터시트(PDF) 11 Page - Vishay Siliconix

부품명 SI3590DV
상세설명  N- and P-Channel 30-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3590DV 데이터시트(HTML) 11 Page - Vishay Siliconix

Back Button SI3590DV_09 Datasheet HTML 5Page - Vishay Siliconix SI3590DV_09 Datasheet HTML 6Page - Vishay Siliconix SI3590DV_09 Datasheet HTML 7Page - Vishay Siliconix SI3590DV_09 Datasheet HTML 8Page - Vishay Siliconix SI3590DV_09 Datasheet HTML 9Page - Vishay Siliconix SI3590DV_09 Datasheet HTML 10Page - Vishay Siliconix SI3590DV_09 Datasheet HTML 11Page - Vishay Siliconix SI3590DV_09 Datasheet HTML 12Page - Vishay Siliconix SI3590DV_09 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AN823
Vishay Siliconix
www.vishay.com
2
Document Number: 71743
27-Feb-04
255 − 260_C
1X4_C/s (max)
3-6_C/s (max)
10 s (max)
Reflow Zone
Pre-Heating Zone
3_C/s (max)
140 − 170_C
Maximum peak temperature at 240_C is allowed.
FIGURE 3.
Solder Reflow Temperature and Time Durations
60-120 s (min)
217_C
60 s (max)
THERMAL PERFORMANCE
A basic measure of a device’s thermal performance is the
junction-to-case
thermal
resistance,
Rqjc,
or
the
junction-to-foot thermal resistance, Rqjf. This parameter is
measured for the device mounted to an infinite heat sink and
is therefore a characterization of the device only, in other
words, independent of the properties of the object to which the
device is mounted. Table 1 shows the thermal performance
of the TSOP-6.
TABLE 1.
Equivalent Steady State Performance—TSOP-6
Thermal Resistance Rqjf
30_C/W
SYSTEM AND ELECTRICAL IMPACT OF
TSOP-6
In any design, one must take into account the change in
MOSFET rDS(on) with temperature (Figure 4).
0.6
0.8
1.0
1.2
1.4
1.6
−50
−25
0
25
50
75
100
125
150
VGS = 4.5 V
ID = 6.1 A
On-Resistance vs. Junction Temperature
TJ − Junction Temperature (_C)
FIGURE 4.
Si3434DV


유사한 부품 번호 - SI3590DV_09

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3590DV VISHAY-SI3590DV_06 Datasheet
124Kb / 9P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 20-Mar-06
SI3590DV VISHAY-SI3590DV_08 Datasheet
123Kb / 9P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 20-Mar-06
More results

유사한 설명 - SI3590DV_09

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4532DY VISHAY-SI4532DY Datasheet
123Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. D, 23-Nov-93
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Jun-03
SI5511DC VISHAY-SI5511DC Datasheet
164Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 22-Oct-07
SI5504BDC VISHAY-SI5504BDC_10 Datasheet
152Kb / 12P
   N- and P-Channel 30 V (D-S) MOSFET
Rev. B, 08-Mar-10
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
   N- and P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AO4606A VBSEMI-AO4606A Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
FDS8960C-NL VBSEMI-FDS8960C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Telefunken
SI3590DV TFUNK-SI3590DV Datasheet
233Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
SI4532CDY TFUNK-SI4532CDY Datasheet
296Kb / 15P
   N- and P-Channel 30 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SH8M4TB VBSEMI-SH8M4TB Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com