전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4200DY-T1-GE3 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI4200DY-T1-GE3
상세설명  Dual N-Channel 25 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4200DY-T1-GE3 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI4200DY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4200DY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4200DY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4200DY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4200DY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4200DY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4200DY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4200DY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI4200DY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 66825
S10-2005-Rev. A, 06-Sep-10
www.vishay.com
3
Vishay Siliconix
Si4200DY
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
6
12
18
24
30
0
0.5
1.0
1.5
2.0
VGS =10Vthru 4V
VGS =3V
V
DS - Drain-to-Source Voltage (V)
0.012
0.017
0.022
0.027
0.032
0
6
12
18
24
30
VGS =10V
VGS =4.5 V
I
D - Drain Current (A)
0
2
4
6
8
10
0
2468
10
ID =7.3 A
VDS =6.25V
VDS = 12.5 V
VDS =20V
Q
g - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0
0.5
1.0
1.5
2.0
2.5
3.0
TC = - 55 °C
TC = 125 °C
TC = 25 °C
V
GS - Gate-to-Source Voltage (V)
Crss
0
150
300
450
600
0
5
10
15
20
25
Ciss
Coss
V
DS - Drain-to-Source Voltage (V)
0.7
0.9
1.1
1.3
1.5
- 50
- 25
0
25
50
75
100
125
150
VGS =10V; ID =7.3 A
VGS =4.5 V; ID =6.7 A
T
J - Junction Temperature (°C)


유사한 부품 번호 - SI4200DY-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4200DY VISHAY-SI4200DY Datasheet
188Kb / 9P
   Dual N-Channel 25 V (D-S) MOSFET
08-Feb-17
SI4200DY VISHAY-SI4200DY_V01 Datasheet
188Kb / 9P
   Dual N-Channel 25 V (D-S) MOSFET
08-Feb-17
More results

유사한 설명 - SI4200DY-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4952DY VISHAY-SI4952DY Datasheet
176Kb / 9P
   Dual N-Channel 25-V (D-S) MOSFET
Rev. C, 04-May-09
SI4228DY VISHAY-SI4228DY Datasheet
281Kb / 10P
   Dual N-Channel 25 V (D-S) MOSFET
Rev. A, 03-May-10
logo
VBsemi Electronics Co.,...
8822 VBSEMI-8822 Datasheet
974Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
8205 VBSEMI-8205 Datasheet
963Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
PJ8205 VBSEMI-PJ8205 Datasheet
963Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
Vishay Telefunken
SI4228DY TFUNK-SI4228DY Datasheet
284Kb / 10P
   Dual N-Channel 25 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SM8205AOC-TRL VBSEMI-SM8205AOC-TRL Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
SI6926ADQ-T1-GE3 VBSEMI-SI6926ADQ-T1-GE3 Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
UPA1852GR-9JG-A VBSEMI-UPA1852GR-9JG-A Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SI4952DY VISHAY-SI4952DY_V01 Datasheet
175Kb / 9P
   Dual N-Channel 25-V (D-S) MOSFET
01-Jan-2022
SI1904EDH VISHAY-SI1904EDH Datasheet
49Kb / 5P
   DUAL N-CHANNEL 25-V (D-S) MOSFET
Rev. B, 21-May-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com