전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT68-04W 데이터시트(PDF) 2 Page - Siemens Semiconductor Group

부품명 BAT68-04W
상세설명  Silicon Schottky Diodes (For mixer applications in the VHF/UHF range For high speed switching)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT68-04W 데이터시트(HTML) 2 Page - Siemens Semiconductor Group

  BAT68-04W Datasheet HTML 1Page - Siemens Semiconductor Group BAT68-04W Datasheet HTML 2Page - Siemens Semiconductor Group BAT68-04W Datasheet HTML 3Page - Siemens Semiconductor Group BAT68-04W Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Semiconductor Group
2
Dec-20-1996
BAT 68W
Electrical Characteristics at
TA=25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC characteristics
Breakdown voltage
I(BR) = 100 µA
V(BR)
8
-
-
V
Reverse current
VR = 1 V, TA = 25 °C
VR = 1 V, TA = 60 °C
IR
-
-
-
-
1.2
0.1
µA
Forward voltage
IF = 1 mA
IF = 10 mA
VF
340
-
390
318
500
340
mV
Diode capacitance
VR = 1 V, f = 1 MHz
CT
-
-
1
pF
Differential forward resistance
IF = 5 mA
RF
-
-
10
Forward current
IF = f (TA*;TS)
*): mounted on alumina 15mm x 16.7mm x 0.7mm
BAT 68W
0
20
40
60
80
100
120 °C 150
T
A,TS
0
20
40
60
80
100
120
140
160
mA
200
I
F
T
S
T
A
Forward current
IF = f (TA*;TS)
*): mounted on alumina 15mm x 16.7mm x 0.7mm
BAT 68-04W, -05W, -06W
0
20
40
60
80
100
120 °C 150
T
A,TS
0
20
40
60
80
100
120
140
160
mA
200
I
F
T
S
T
A


유사한 부품 번호 - BAT68-04W

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BAT68-04W INFINEON-BAT68-04W Datasheet
487Kb / 8P
   Silicon Schottky Diodes
Feb-03-2003
logo
Guangdong Kexin Industr...
BAT68-04W KEXIN-BAT68-04W Datasheet
46Kb / 1P
   Silicon Schottky Diode
logo
Infineon Technologies A...
BAT68-04W INFINEON-BAT68-04W Datasheet
147Kb / 12P
   Silicon Schottky Diodes
2007-04-19
BAT68-04W INFINEON-BAT68-04W Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
BAT68-04W INFINEON-BAT68-04W Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
More results

유사한 설명 - BAT68-04W

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BAT68-07W SIEMENS-BAT68-07W Datasheet
43Kb / 5P
   Silicon Schottky Diodes (For mixer applications in the VHF / UHF range For high-speed switching applications)
BAT17W SIEMENS-BAT17W Datasheet
39Kb / 3P
   Silicon Schottky Diodes (For mixer applications in the VHF / UHF range For high-speed switching applications)
BAT17-07 SIEMENS-BAT17-07 Datasheet
99Kb / 4P
   Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high-speed switching)
BAT68-03W SIEMENS-BAT68-03W Datasheet
92Kb / 5P
   Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high speed switching)
BAT17- SIEMENS-BAT17- Datasheet
93Kb / 4P
   Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high-speed switching)
logo
Infineon Technologies A...
BAT17E6327 INFINEON-BAT17E6327 Datasheet
861Kb / 9P
   For mixer applications in VHF/UHF range
2011-06-15
logo
Hitachi Semiconductor
1SS174 HITACHI-1SS174 Datasheet
20Kb / 4P
   Silicon Schottky Barrier Diode for UHF TV Tuner Mixer, Various Detector, High speed switching
logo
Sanyo Semicon Device
1SS358 SANYO-1SS358 Datasheet
55Kb / 2P
   VHF, UHF Detector and Mixer Applications
1SS366 SANYO-1SS366 Datasheet
51Kb / 2P
   VHF, UHF Detector and Mixer Applications
1SS375 SANYO-1SS375 Datasheet
51Kb / 2P
   VHF, UHF Detector and Mixer Applications
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com