전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4470EY-T1-E3 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI4470EY-T1-E3
상세설명  N-Channel 60 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4470EY-T1-E3 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI4470EY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI4470EY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI4470EY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI4470EY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI4470EY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI4470EY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI4470EY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI4470EY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number: 71606
S10-2137-Rev. D, 20-Sep-10
Vishay Siliconix
Si4470EY
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
2.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 48 V, VGS = 0 V
1
µA
VDS = 48 V, VGS = 0 V, TJ = 55 °C
5
On-State Drain Currenta
ID(on)
VDS 5 V, VGS = 10 V
50
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 12 A
0.009
0.011
VGS = 6.0 V, ID = 10 A
0.0105
0.013
Forward Transconductancea
gfs
VDS = 15 V, ID = 10 A
50
S
Diode Forward Voltagea
VSD
IS = 3.0 A, VGS = 0 V
0.75
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 30 V, VGS = 10 V, ID = 12 A
46
70
nC
Gate-Source Charge
Qgs
11.5
Gate-Drain Charge
Qgd
11.5
Gate Resistance
Rg
0.25
0.85
1.4
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 30 
ID  1.0 A, VGEN = 10 V, Rg = 6 
16
25
ns
Rise Time
tr
12
18
Turn-Off Delay Time
td(off)
50
75
Fall Time
tf
30
45
Source-Drain Reverse Recovery Time
trr
IF = 3.0 A, dI/dt = 100 A/µs
40
60
Output Characteristics
0
10
20
30
40
50
0
2468
10
VGS = 10 V thru 5 V
VDS - Drain-to-Source Voltage (V)
4 V
2 V, 3 V
Transfer Characteristics
0
10
20
30
40
50
0
123
456
TC = 125 °C
25 °C
VGS - Gate-to-Source Voltage (V)
- 55 °C


유사한 부품 번호 - SI4470EY-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4470EY-T1 VISHAY-SI4470EY-T1 Datasheet
41Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 26-May-03
More results

유사한 설명 - SI4470EY-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com