전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4501BDY 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 SI4501BDY
상세설명  Complementary (N- and P-Channel) MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4501BDY 데이터시트(HTML) 6 Page - Vishay Siliconix

Back Button SI4501BDY Datasheet HTML 2Page - Vishay Siliconix SI4501BDY Datasheet HTML 3Page - Vishay Siliconix SI4501BDY Datasheet HTML 4Page - Vishay Siliconix SI4501BDY Datasheet HTML 5Page - Vishay Siliconix SI4501BDY Datasheet HTML 6Page - Vishay Siliconix SI4501BDY Datasheet HTML 7Page - Vishay Siliconix SI4501BDY Datasheet HTML 8Page - Vishay Siliconix SI4501BDY Datasheet HTML 9Page - Vishay Siliconix SI4501BDY Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.vishay.com
6
Document Number: 67441
S11-0245-Rev. A, 14-Feb-11
Vishay Siliconix
Si4501BDY
N-CHANNEL TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0.0
2.7
5.4
8.1
10.8
13.5
0
25
50
75
100
125
150
T
C - Case Temperature (°C)
Power Derating, Junction-to-Foot
0.0
1.1
2.2
3.3
4.4
5.5
0
25
50
75
100
125
150
T
C - Case Temperature (°C)
Power Derating, Junction-to-Ambient
0.0
0.3
0.6
1.0
1.3
1.6
0
25
50
75
100
125
150
T
A - Ambient Temperature (°C)


유사한 부품 번호 - SI4501BDY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4501BDY VISHAY-SI4501BDY Datasheet
251Kb / 14P
   Complementary (N- and P-Channel) MOSFET
01-Jan-2022
SI4501BDY-T1-GE3 VISHAY-SI4501BDY-T1-GE3 Datasheet
251Kb / 14P
   Complementary (N- and P-Channel) MOSFET
01-Jan-2022
SI4501BDY VISHAY-SI4501BDY_V01 Datasheet
251Kb / 14P
   Complementary (N- and P-Channel) MOSFET
01-Jan-2022
More results

유사한 설명 - SI4501BDY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4501ADY VISHAY-SI4501ADY_V01 Datasheet
137Kb / 9P
   Complementary (N- and P-Channel) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SI4501BD TFUNK-SI4501BD Datasheet
279Kb / 15P
   Complementary (N- and P-Channel) MOSFET
logo
Vishay Siliconix
SI4501BDY VISHAY-SI4501BDY_V01 Datasheet
251Kb / 14P
   Complementary (N- and P-Channel) MOSFET
01-Jan-2022
logo
Advanced Linear Devices
ALD1115 ALD-ALD1115 Datasheet
66Kb / 6P
   COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET
ALD1115 ALD-ALD1115_11 Datasheet
85Kb / 8P
   COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET
logo
ADL Embedded Solutions
ALD1115 ADL-ALD1115 Datasheet
70Kb / 8P
   COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET
2021
logo
Will Semiconductor Ltd.
WCM4616 WILLSEMI-WCM4616 Datasheet
2Mb / 9P
   N- and P-Channel Complementary, 20V,MOSFET
WCM2068 WILLSEMI-WCM2068 Datasheet
1Mb / 11P
   N- and P-Channel Complementary, 20V,MOSFET
WCM2070 WILLSEMI-WCM2070 Datasheet
1Mb / 11P
   N- and P-Channel Complementary, 12V,MOSFET
WCM2079 WILLSEMI-WCM2079 Datasheet
914Kb / 8P
   N- and P-Channel Complementary, 20V,MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com