전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si4559ADY-T1-GE3 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 Si4559ADY-T1-GE3
상세설명  N- and P-Channel 60-V (D-S) MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Si4559ADY-T1-GE3 데이터시트(HTML) 3 Page - Vishay Siliconix

  Si4559ADY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix Si4559ADY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix Si4559ADY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix Si4559ADY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix Si4559ADY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix Si4559ADY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix Si4559ADY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix Si4559ADY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix Si4559ADY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Document Number: 73624
S09-0393-Rev. B, 09-Mar-09
www.vishay.com
3
Vishay Siliconix
Si4559ADY
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Dynamica
Turn-On Delay Time
td(on)
N-Channel
VDD = 30 V, RL = 8.8 Ω
ID ≅ 3.4 A, VGEN = 4.5 V, Rg = 1 Ω
P-Channel
VDD = - 30 V, RL = 12.5 Ω
ID ≅ - 2.4 A, VGEN = - 4.5 V, Rg = 1 Ω
N-Ch
15
25
ns
P-Ch
30
45
Rise Time
tr
N-Ch
65
100
P-Ch
70
105
Turn-Off Delay Time
td(off)
N-Ch
15
25
P-Ch
40
60
Fall Time
tf
N-Ch
10
15
P-Ch
30
45
Turn-On Delay Time
td(on)
N-Channel
VDD = 30 V, RL = 8.8 Ω
ID ≅ 3.4 A, VGEN = 10 V, Rg = 1 Ω
P-Channel
VDD = - 30 V, RL = 12.5 Ω
ID ≅ - 2.4 A, VGEN = - 10 V, Rg = 1 Ω
N-Ch
10
15
P-Ch
10
15
Rise Time
tr
N-Ch
15
25
P-Ch
13
20
Turn-Off Delay Time
td(off)
N-Ch
20
30
P-Ch
35
55
Fall Time
tf
N-Ch
10
15
P-Ch
30
45
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
N-Ch
2.6
A
P-Ch
- 2.8
Pulse Diode Forward Currenta
ISM
N-Ch
20
P-Ch
- 25
Body Diode Voltage
VSD
IS = 1.7 A
N-Ch
0.8
1.2
V
IS = - 2 A
P-Ch
- 0.8
- 1.2
Body Diode Reverse Recovery Time
trr
N-Channel
IF = 1.7 A, dI/dt = 100 A/µs, TJ = 25 °C
P-Channel
IF = - 2 A, dI/dt = - 100 A/µs, TJ = 25 °C
N-Ch
30
60
ns
P-Ch
30
50
Body Diode Reverse Recovery Charge
Qrr
N-Ch
32
50
nC
P-Ch
35
60
Reverse Recovery Fall Time
ta
N-Ch
25
ns
P-Ch
16
Reverse Recovery Rise Time
tb
N-Ch
5
P-Ch
14


유사한 부품 번호 - Si4559ADY-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4559ADY-T1-GE3 VISHAY-SI4559ADY-T1-GE3 Datasheet
253Kb / 14P
   N- and P-Channel 60 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - Si4559ADY-T1-GE3

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
IRF7343TRPBF VBSEMI-IRF7343TRPBF Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
UTM4052L-S08-R VBSEMI-UTM4052L-S08-R Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
P3304QV VBSEMI-P3304QV Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
ZXMC6A09DN8TA VBSEMI-ZXMC6A09DN8TA Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
SSG4543C VBSEMI-SSG4543C Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
STM8455 VBSEMI-STM8455 Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
STM8458 VBSEMI-STM8458 Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
STM8450A VBSEMI-STM8450A Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
AP4575GM VBSEMI-AP4575GM Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
4563GM VBSEMI-4563GM Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com