전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4774DY-T1-GE3 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI4774DY-T1-GE3
상세설명  N-Channel 30 V (D-S) MOSFET with Schottky Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4774DY-T1-GE3 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI4774DY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4774DY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4774DY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4774DY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4774DY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4774DY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4774DY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4774DY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI4774DY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 67953
S11-1179-Rev. A, 13-Jun-11
Vishay Siliconix
Si4774DY
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = 1 mA
30
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID= 1 mA
12.3
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
0.028
0.200
mA
VDS = 30 V, VGS = 0 V, TJ = 100 °C
2.5
20
On -State Drain Currenta
ID(on)
VDS  5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 10 A
0.0079
0.0095
VGS = 4.5 V, ID = 7 A
0.0096
0.0120
Forward Transconductancea
gfs
VDS = 15 V, ID = 10 A
43
S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
1025
pF
Output Capacitance
Coss
251
Reverse Transfer Capacitance
Crss
100
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 10 A
20.3
30.5
nC
VDS = 15 V, VGS = 4.5 V, ID = 10 A
9.5
14.3
Gate-Source Charge
Qgs
2.8
Gate-Drain Charge
Qgd
3.2
Gate Resistance
Rg
f = 1 MHz
0.3
1.0
2.0
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.5 
ID  10 A, VGEN = 4.5 V, Rg = 1 
11
22
ns
Rise Time
tr
22
48
Turn-Off Delay Time
td(off)
13
26
Fall Time
tf
11
22
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.5 
ID  10 A, VGEN = 10 V, Rg = 1 
816
Rise Time
tr
13
26
Turn-Off Delay Time
td(off)
14
28
Fall Time
tf
918
Drain-Source Body Diode and Schottky Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
4.5
A
Pulse Diode Forward Currenta
ISM
50
Body Diode Voltage
VSD
IS = 2 A
0.44
0.55
V
Body Diode Reverse Recovery Time
trr
IF = 5 A, dI/dt = 100 A/µs, TJ = 25 °C
18
35
ns
Body Diode Reverse Recovery Charge
Qrr
7.5
15
nC
Reverse Recovery Fall Time
ta
10
ns
Reverse Recovery Rise Time
tb
8


유사한 부품 번호 - SI4774DY-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Telefunken
SI4774DY TFUNK-SI4774DY Datasheet
275Kb / 10P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SI4774DY VISHAY-SI4774DY_V01 Datasheet
208Kb / 9P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
08-Feb-17
More results

유사한 설명 - SI4774DY-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7160DP VISHAY-SI7160DP Datasheet
109Kb / 7P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 16-Feb-09
SI4646DY VISHAY-SI4646DY Datasheet
210Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 18-May-09
SIE726DF VISHAY-SIE726DF Datasheet
210Kb / 10P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 13-Jul-09
logo
Unisonic Technologies
UT4810D UTC-UT4810D Datasheet
201Kb / 5P
   N-CHANNEL 30-V (D-S) MOSFET WITH SCHOTTKY DIODE
logo
Vishay Siliconix
SI4810DY VISHAY-SI4810DY Datasheet
43Kb / 5P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. F, 26-May-03
SI7720DN VISHAY-SI7720DN Datasheet
552Kb / 14P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 04-Aug-08
SI4812BDY-E3 VISHAY-SI4812BDY-E3 Datasheet
254Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 29-Dec-08
logo
Vishay Telefunken
SIS782DN TFUNK-SIS782DN Datasheet
560Kb / 14P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
SI7748DP TFUNK-SI7748DP Datasheet
385Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SIS782DN VISHAY-SIS782DN_V01 Datasheet
594Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIS780DN VISHAY-SIS780DN_V01 Datasheet
592Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com