전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4816BDY-T1-E3 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI4816BDY-T1-E3
상세설명  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4816BDY-T1-E3 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI4816BDY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI4816BDY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI4816BDY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI4816BDY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI4816BDY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI4816BDY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI4816BDY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI4816BDY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI4816BDY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 73026
S09-0394-Rev. D, 09-Mar-09
www.vishay.com
3
Vishay Siliconix
Si4816BDY
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
CHANNEL-1 TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
SCHOTTKY SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Forward Voltage Drop
VF
IF = 1.0 A
0.47
0.50
V
IF = 1.0 A, TJ = 125 °C
0.36
0.42
Maximum Reverse Leakage Current
Irm
VR = 30 V
0.004
0.100
mA
VR = 30 V, TJ = 100 °C
0.7
10
VR = - 30 V, TJ = 125 °C
3.0
20
Junction Capacitance
CT
VR = 10 V
50
pF
Output Characteristics
On-Resistance vs. Drain Current
0
5
10
15
20
25
30
35
40
0
1234
5
VGS = 10 thru 4 V
3 V
VDS – Drain-to-Source Voltage (V)
2 V
0.00
0.01
0.02
0.03
0.04
0.05
0
5
10
15
20
25
30
35
40
ID – Drain Current (A)
VGS = 4.5 V
VGS = 10 V
Transfer Characteristics
Capacitance
0
5
10
15
20
25
30
35
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
TC = 125 °C
- 55 °C
25 °C
VGS – Gate-to-Source Voltage (V)
0
200
400
600
800
1000
1200
0
5
10
15
20
25
30
VDS – Drain-to-Source Voltage (V)
Crss
Coss
Ciss


유사한 부품 번호 - SI4816BDY-T1-E3

제조업체부품명데이터시트상세설명
logo
TECH PUBLIC Electronics...
SI4816BDY-T1-GE3 TECHPUBLIC-SI4816BDY-T1-GE3 Datasheet
4Mb / 11P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
More results

유사한 설명 - SI4816BDY-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com