전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4916DY-T1-GE3 데이터시트(PDF) 9 Page - Vishay Siliconix

부품명 SI4916DY-T1-GE3
상세설명  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4916DY-T1-GE3 데이터시트(HTML) 9 Page - Vishay Siliconix

Back Button SI4916DY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4916DY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4916DY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4916DY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI4916DY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix SI4916DY-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix SI4916DY-T1-GE3 Datasheet HTML 11Page - Vishay Siliconix SI4916DY-T1-GE3 Datasheet HTML 12Page - Vishay Siliconix SI4916DY-T1-GE3 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Document Number: 74331
S09-0540-Rev. B, 06-Apr-09
www.vishay.com
9
Vishay Siliconix
Si4916DY
CHANNEL-2 TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?74331.
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (s)
2
1
0.1
0.01
10- 3
10- 2
1
10
600
10- 1
10- 4
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
100
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 85 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Foot
10- 3
10- 2
110
10- 1
10- 4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)


유사한 부품 번호 - SI4916DY-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Telefunken
SI4916DY TFUNK-SI4916DY Datasheet
263Kb / 13P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SI4916DY VISHAY-SI4916DY Datasheet
196Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI4916DY VISHAY-SI4916DY_V01 Datasheet
196Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
More results

유사한 설명 - SI4916DY-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com